công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC5471GHKA bảng dữ liệu(PDF) 74 Page - Texas Instruments

tên linh kiện TMS320VC5471GHKA
Giải thích chi tiết về linh kiện  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA bảng dữ liệu(HTML) 74 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 70Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 71Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 72Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 73Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 74Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 75Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 76Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 77Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
Electrical Specifications
64
June 2001 -- Revised December 2002
SPRS180C
6.11 Multichannel Buffered Serial Port (McBSP) Timings
6.11.1
McBSP Receive and Transmit Timings
Table 6--16 and Table 6--17 assume testing over recommended operating conditions and H = 0.5tc(CO) (see
Figure 6--16 and Figure 6--17).
NOTE: Polarity bits CLKRP = CLKXP = FSRP = FSXP = 0. If the polarity of any of the signals
is inverted, then the timing references of that signal are also inverted.
Table 6--16. McBSP Receive and Transmit Timing Requirements
MIN
MAX
UNIT
tc(BCKRX)
Cycle time, BCLK_R/X
BCLK_R/X ext
4H
ns
tw(BCKRX)
Pulse duration, BCLK_R/X or BCLK_R/X high
BCLK_R/X ext
2H--1
ns
t
H ld ti
t
l BFSR hi h ft BCLKR l
BCLKR int
0
th(BCKRL-BFRH)
Hold time, external BFSR high after BCLKR low
BCLKR ext
7
ns
t
H ld ti
BDR
lid ft BCLKR l
BCLKR int
0
th(BCKRL-BDRV)
Hold time, BDR valid after BCLKR low
BCLKR ext
7
ns
t
H ld ti
t
l BFSX hi h ft BCLKX l
BCLKX int
0
th(BCKXL-BFXH)
Hold time, external BFSX high after BCLKX low
BCLKX ext
7
ns
t
S t
ti
t
l BFSR hi h b f
BCLKR l
BCLKR int
9
tsu(BFRH-BCKRL)
Setup time, external BFSR high before BCLKR low
BCLKR ext
2
ns
t
S t
ti
BDR
lid b f
BCLKR l
BCLKR int
9
tsu(BDRV-BCKRL)
Setup time, BDR valid before BCLKR low
BCLKR ext
2
ns
t
S t
ti
t
l BFSX hi h b f
BCLKX l
BCLKX int
9
tsu(BFXH-BCKXL)
Setup time, external BFSX high before BCLKX low
BCLKX ext
2
ns
tr(BCKRX)
Rise time, BCLKR_R/X
BCLK_R/X ext
5
ns
tf(BCKRX)
Fall time, BCLKR_R/X
BCLK_R/X ext
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com