công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC5471GHKA bảng dữ liệu(PDF) 27 Page - Texas Instruments

tên linh kiện TMS320VC5471GHKA
Giải thích chi tiết về linh kiện  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 23Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 24Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 25Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 26Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 27Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 28Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 29Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 30Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
DSP Subsystem Functional Overview
17
June 2001 -- Revised December 2002
SPRS180C
At device reset, the reset, interrupt, and trap vectors are mapped to address FF80h in program space.
However, these vectors can be remapped to the beginning of any 128-word page in program space after
device reset. This is done by loading the interrupt vector pointer (IPTR) bits in the PMST register with the
appropriate 128-word page boundary address. After loading IPTR, any user interrupt or trap vector is mapped
to the new 128-word page.
NOTE: The hardware reset (RS) vector cannot be remapped because a hardware reset loads
the IPTR with 1s. Therefore, the reset vector is always fetched at location FF80h in program
space.
3.3
DSP Registers
The 5471 has 27 memory-mapped CPU registers, which are mapped in data memory space addresses 0h to
1Fh. Table 3--1 gives a list of CPU memory-mapped registers (MMRs) available on 5471. The device also has
a set of memory-mapped registers associated with peripherals as shown in Table 3--2.
Table 3--1. CPU Memory-Mapped Registers
NAME
ADDRESS
DESCRIPTION
NAME
DEC
HEX
DESCRIPTION
IMR
0
0
Interrupt mask register
IFR
1
1
Interrupt flag register
–
2--5
2--5
Reserved for testing
ST0
6
6
Status register 0
ST1
7
7
Status register 1
AL
8
8
Accumulator A low word (15--0)
AH
9
9
Accumulator A high word (31--16)
AG
10
A
Accumulator A guard bits (39--32)
BL
11
B
Accumulator B low word (15--0)
BH
12
C
Accumulator B high word (31--16)
BG
13
D
Accumulator B guard bits (39--32)
TREG
14
E
Temporary register
TRN
15
F
Transition register
AR0
16
10
Auxiliary register 0
AR1
17
11
Auxiliary register 1
AR2
18
12
Auxiliary register 2
AR3
19
13
Auxiliary register 3
AR4
20
14
Auxiliary register 4
AR5
21
15
Auxiliary register 5
AR6
22
16
Auxiliary register 6
AR7
23
17
Auxiliary register 7
SP
24
18
Stack pointer register
BK
25
19
Circular buffer size register
BRC
26
1A
Block repeat counter
RSA
27
1B
Block repeat start address
REA
28
1C
Block repeat end address
PMST
29
1D
Processor mode status (PMST) register
XPC
30
1E
Extended program page register
–
31
1F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com