công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC5471GHKA bảng dữ liệu(PDF) 18 Page - Texas Instruments

tên linh kiện TMS320VC5471GHKA
Giải thích chi tiết về linh kiện  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 14Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 15Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 16Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 17Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 18Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 19Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 20Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 21Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
Introduction
8
June 2001 -- Revised December 2002
SPRS180C
Table 2--2. Terminal Functions (Continued)
TERMINAL NAME
DESCRIPTION
I/O/Z†
MCUEN0
O
SPI enable trigger (edge/level, positive/negative)
CRS0
I
MII0 carrier sense
COL0
I
MII0 collision
TXD00--TXD03
O
MII0 TX data bit 0 through MII0 TX data bit 3
TXEN0
O
MII0 TX enable
TCLK0
I
MII0 TX clock
TXER0
O
MII0 TX error
RXER0
I
MII0 RX error
RCLK0
I
MII0 RX clock
RXDV0
I
MII0 RX data valid
RXD00 -- RXD03
I
MII0 RX data bit 0 through MII0 RX data bit 3
EMU0--EMU1
I/O
Test emulation pins 0 and 1, active-low
TRST
I
Test reset input, active-low. A pulldown resistor is suggested to allow both normal device
operation and emulation.
TCK
I
Test Clock
TDI
I
Test Data Input
TDO
O
Test Data Output
TMS
I
Test Mode Select
REFCLK
I
Reference input clock
RESET
I
Chip power-on reset, active-low§¶
RESET_OUT
O
Reset to external peripherals, active-low
ADD00/ SDRAM_A00 --
ADD12/SDRAM_A12
O
MCU address bus bits 0 through 12 for Flash, SRAM, and SDRAM
ADD13--ADD17
O
MCU address bus bits 13 through 17 for Flash and SRAM
ADD18/ SDRAM_BA0
O
MCU address bus bit 18 for Flash and SRAM or SDRAM BA0 signal
ADD19/ SDRAM_BA1
O
MCU address bus bit 19 for Flash and SRAM or SDRAM BA1 signal
ADD20/ SDRAM_WE
O
MCU address bus bit 20 for Flash and SRAM or active-low SDRAM WE signal
ADD21/ SDRAM_CAS
O
MCU address bus bit 21 for Flash and SRAM or active-low SDRAM CAS signal
ADD22/ SDRAM_RAS
O
MCU address bus bit 22 for Flash and SRAM or active-low SDRAM RAS signal
CS4/ BIGEND
I/O
MCU Chip Select 4 (active-high).§ This pin is sampled at the RESET rising edge to determine
the endian mode as defined below:
0 = Little Endian
1 = Big Endian
For best results, an external pullup or pulldown should be installed to ensure proper sampling.
DATA00--DATA31
I/O
MCU data bus bits 0 through 31 for Flash, SRAM, and SDRAM
BE0/ SDRAM_DQM0
O
MCU byte-enable for non-SDRAM cycles, or SDRAM byte-enable (for read) and mask
(for write), active-low
BE1/ SDRAM_DQM1
O
MCU byte-enable for non-SDRAM cycles, or SDRAM byte-enable (for read) and mask
(for write), active-low
BE2/ SDRAM_DQM2
O
MCU byte-enable for non-SDRAM cycles, or SDRAM byte-enable (for read) and mask
(for write), active-low
† I = input, O = output, Z = high-impedance
‡ The KBGPIO[15:8] pins include integrated pullup resistors.
§ The ARM7TDMI core can operate in either little- or big-endian mode. The 5471 configures the ARM7TDMI core’s endianness by sampling this
pin at the RESET rising edge.
5471 only supports MCU boot from a 16-bit or a 32-bit-wide memory implementation on CS0. The 5471 configures the ARM7TDMI starting
instruction size, and width of memory connected to CS0, by sampling this pin at the RESET rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com