công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC5471GHKA bảng dữ liệu(PDF) 36 Page - Texas Instruments

tên linh kiện TMS320VC5471GHKA
Giải thích chi tiết về linh kiện  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA bảng dữ liệu(HTML) 36 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 32Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 33Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 34Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 35Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 36Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 37Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 38Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 39Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 102 page
background image
DSP Subsystem Functional Overview
26
June 2001 -- Revised December 2002
SPRS180C
Table 3--11. DSP Clock Scaler Values and Minimum REFCLK Frequencies
k (SCALER)
MINIMUM REFCLK
FREQUENCY (MHZ)
k = n, for integer values of n between 1 and 15, inclusive
5
k = 0.5 * n, for integer values of n between 1 and 15, inclusive
10
k = 0.25 * n, for integer values of n between 1 and 15, inclusive
20
When in DIV mode, the PLL minimum input frequencies do not apply.
The PLL_DSP output frequency is dynamically selected by the contents of the memory-mapped
DSP_CLKMD peripheral register. The initial settings for this register are controlled by a memory-mapped
register, DSP_REG, on the RISC processor. The PLL should not be programmed to exceed the DSP
subsystem’s maximum operating frequency as defined in the parametric portion of this data manual.
3.5
DSP Power Management
The DSP subsystem has three power-down modes, which are activated by the IDLE1, IDLE2, and IDLE3
instructions. In these modes, the C54x DSP core enters a dormant state and dissipates considerably less
power than in normal operation.
The IDLE1 mode halts all DSP activities except the DSP system clock. Because the system clock remains
applied to the DSP subsystem peripheral modules, the DSP peripheral circuits continue operating and the
DSP_CLKOUT pin remains active. Thus, peripherals such as serial ports and timers can take the DSP out
of its power-down state.
The IDLE2 mode halts the DSP subsystem peripherals as well as the DSP core, but the DSP subsystem’s
phase-locked loop clock multiplier will remain active to allow for a rapid resume from IDLE2. Because the DSP
subsystem peripherals are stopped in this mode, they cannot be used to generate the interrupt to wake up
the C54x as with IDLE1. However, power is significantly reduced because the device is completely stopped.
To terminate IDLE2, activate either RESET or DSP_INT0 with a pulse that meets the requirements defined
in the parametric section of this data manual. Note that RESET assertion will cause the MCU subsystem to
hold the DSP subsystem in reset.
The IDLE3 mode functions like IDLE2 but it also halts the DSP phase-locked loop (PLL) circuit. IDLE3 is used
to achieve the lowest possible DSP power consumption. This mode reduces power dissipation more than
IDLE2. Furthermore, the IDLE3 state allows you to reconfigure the DSP PLL externally if the system requires
the C54x to operate at a lower speed to save power. To terminate IDLE3, activate RESET or DSP_INT0 with
a pulse that meets the requirements defined in the parametric section of this data manual. Note that RESET
assertion will cause the MCU subsystem to hold the DSP subsystem in reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com