công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC5471GHKA bảng dữ liệu(PDF) 17 Page - Texas Instruments

tên linh kiện TMS320VC5471GHKA
Giải thích chi tiết về linh kiện  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 13Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 14Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 15Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 16Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 17Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 18Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 19Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 20Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 102 page
background image
Introduction
7
June 2001 -- Revised December 2002
SPRS180C
2.3
Terminal Functions
Table 2--2 lists each terminal name, function, and operating mode(s) for the 5471 device. Some of the 5471
pins can be configured for one of two functions — a primary function and a secondary function. Table 2--3
provides a list of pins containing an internal pullup or pulldown function, including each pins functional pullup
or pulldown value.
Table 2--2. Terminal Functions
TERMINAL NAME
I/O/Z†
DESCRIPTION
GPIO00--GPIO04
I/O
General-purpose input/output 00 through general-purpose input/output 04
GPIO05/SDRAM_CKE
I/O
General-purpose input/output 05 or SDRAM CKE signal
GPIO06/CLK16X_IRDA/SD_IRDA
I/O
General-purpose input/output 06 or 16x Serial Transmit Clock or IRDA Transceiver Shutdown
GPIO07/TX_IRDA/TXIR_IRDA
I/O
General-purpose input/output 07 or IRDA Transmit Data or IRDA Transmit Pulse
GPIO08/RX_IRDA/RXIR_IRDA
I/O
General-purpose input/output 08 or IRDA Receive Data or IRDA Receive Pulse
GPIO09/TX_MODEM
I/O
General-purpose input/output 09 or Modem TX Data Output
GPIO10/RX_MODEM
I/O
General-purpose input/output 10 or Modem RX Data Input
GPIO11/CTS_MODEM
I/O
General-purpose input/output 11 or Modem Clear-To-Send Input
GPIO12/RTS_MODEM
I/O
General-purpose input/output 12 or Modem Ready-To-Send Output
GPIO13/DCD_MODEM
I/O
General-purpose input/output 13 or Modem Carrier Detect Output
GPIO14/MCUEN2
I/O
General-purpose input/output 14 or SPI Enable Trigger bit 2
GPIO15/ MCUEN1
I/O
General-purpose input/output 15 or SPI Enable Trigger bit 1
GPIO16/SDA
I/O
General-purpose input/output 16 or I2C Serial Data
GPIO17/SCL
I/O
General-purpose input/output 17 or I2C Serial Clock
GPIO18/AUDIO_CLK
I/O
General-purpose input/output 18 or Audio Clock output
GPIO19/TIMER_OUT
I/O
General-purpose input/output 19 or MCU Timer 2 Output
KBGPIO00
I/O
Keyboard input/output 0
KBGPIO01/DSP_XF
I/O
Keyboard input/output 1or DSP XF output
KBGPIO02/ARM_OPC
I/O
Keyboard input/output 2 or active-low MCU opcode fetch output
KBGPIO03/ARM_MREQ
I/O
Keyboard input/output 3 or active-low MCU memory request output
KBGPIO04/ARM_EXEC
I/O
Keyboard input/output 4 or active-low MCU executed output
KBGPIO05/ARM_TBIT
I/O
Keyboard input/output 5 or MCU 16/32-bit instruction execution output
KBGPIO06/ARM_FIQ
I/O
Keyboard input/output 6 or active-low MCU fast interrupt output
KBGPIO07/ARM_IRQ
I/O
Keyboard input/output 7 or MCU normal interrupt output
KBGPIO08--KBGPIO09
I/O
Keyboard input/output bits 8--9‡
KBGPIO10/DSP_IACK
I/O
Keyboard input/output 10 or DSP interrupt acknowledge output‡
KBGPIO11/DSP_IAQ
I/O
Keyboard input/output 11 or active-low DSP instruction acquisition signal output‡
KBGPIO12/DSP_MSC
I/O
Keyboard input/output 12 or active-low DSP microstate complete signal output‡
KBGPIO13/DSP_TOUT
I/O
Keyboard input/output 13 or DSP timer output‡
KBGPIO14/ DSP_CLKOUT
I/O
Keyboard input/output 14 or DSP clock output‡
KBGPIO15/ARM_MCLK
I/O
Keyboard input/output 15 or MCU clock output‡
CLKX_SPI
O
SPI Serial clock
MCUDI/EXTERN0
I
SPI Input serial data/MCU EXTERN0 test signal input
MCUDO/EXTERN1
I/O
SPI Output serial data/MCU EXTERN1 test signal input
† I = input, O = output, Z = high-impedance
‡ The KBGPIO[15:8] pins include integrated pullup resistors.
§ The ARM7TDMI core can operate in either little- or big-endian mode. The 5471 configures the ARM7TDMI core’s endianness by sampling this
pin at the RESET rising edge.
5471 only supports MCU boot from a 16-bit or a 32-bit-wide memory implementation on CS0. The 5471 configures the ARM7TDMI starting
instruction size, and width of memory connected to CS0, by sampling this pin at the RESET rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com