công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC5471GHKA bảng dữ liệu(PDF) 42 Page - Texas Instruments

tên linh kiện TMS320VC5471GHKA
Giải thích chi tiết về linh kiện  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA bảng dữ liệu(HTML) 42 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 38Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 39Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 40Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 41Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 42Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 43Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 44Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 45Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 102 page
background image
MCU Subsystem Functional Overview
32
June 2001 -- Revised December 2002
SPRS180C
4.2.3 MCU SDRAM Memory Interface
The SDRAM memory interface main features are:
•
It operates with the MCU memory interface (MEMINT) so that SDRAM memories can be used on the
same board with Flash and/or SRAM.
•
Supports 16- and 32-bit-wide data bus to SDRAM parts
•
Can address up to 256M bits of SDRAM
•
Operates at the MCU clock speed (47.5 MHz)
•
Flexible programming of SDRAM timing parameters
•
Supports four open SDRAM pages
•
Minimal burst operations supported. (In 16-bit-wide mode, a burst of two is supported.)
The SDRAM interface must be properly initialized before the SDRAM memory can be used. The following
steps are needed for initializing the SDRAM Interface:
•
Program SDRAM_REG for data bus size and the number of dummy cycles used after access to slower
memory device.
•
Program SDRAM parameters in SDRAM_CONFIG, SDRAM_REF_COUNT, and SDRAM_INIT_CONF
•
Write a ‘1’ in the INIT bit of the SDRAM_CNTL register
•
Wait until a ‘1’ is read inside the READY bit of the SDRAM_CNTL register before accessing the SDRAM.
NOTE: By writing a ‘1’ in the INIT bit of the SDRAM_CNTL register, the initialization state
machine of the SDRAM interface module will do the following: Wait for the number of cycles
that is programmed in INIT_NOP_MAX_CNT (should be 100 μs or greater). Send the
specified number of refresh commands that have been programmed into the
INIT_REF_MAX_CNT register.
The SDRAM load-mode-register command is used to configure the SDRAM device mode. Parameters used
in the load-mode-register command are based on the values programmed in the SDRAM interface registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com