công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745DPTP3 bảng dữ liệu(PDF) 136 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6745DPTP3
Giải thích chi tiết về linh kiện  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 bảng dữ liệu(HTML) 136 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 132Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 133Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 134Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 135Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 136Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 137Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 138Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 139Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
www.ti.com
Table 6-55. General Timing Requirements for SPI0 Slave Modes(1)
No.
PARAMETER
MIN
MAX
UNIT
9
tc(SPC)S
Cycle Time, SPI0_CLK, All Slave Modes
greater of 3P or 40
ns
10
tw(SPCH)S
Pulse Width High, SPI0_CLK, All Slave Modes
18
ns
11
tw(SPCL)S
Pulse Width Low, SPI0_CLK, All Slave Modes
18
ns
Polarity = 0, Phase = 0,
2P
to SPI0_CLK rising
Polarity = 0, Phase = 1,
2P
Setup time, transmit data written to
to SPI0_CLK rising
12
tsu(SOMI_SPC)S
SPI before initial clock edge from
ns
Polarity = 1, Phase = 0,
master.(2) (3)
2P
to SPI0_CLK falling
Polarity = 1, Phase = 1,
2P
to SPI0_CLK falling
Polarity = 0, Phase = 0,
18.5
from SPI0_CLK rising
Polarity = 0, Phase = 1,
18.5
Delay, subsequent bits valid on
from SPI0_CLK falling
13
td(SPC_SOMI)S
SPI0_SOMI after transmit edge of
ns
Polarity = 1, Phase = 0,
SPI0_CLK
18.5
from SPI0_CLK falling
Polarity = 1, Phase = 1,
18.5
from SPI0_CLK rising
Polarity = 0, Phase = 0,
0.5tc(SPC)S -3
from SPI0_CLK falling
Polarity = 0, Phase = 1,
0.5tc(SPC)S -3
Output hold time, SPI0_SOMI valid
from SPI0_CLK rising
14
toh(SPC_SOMI)S
after
ns
Polarity = 1, Phase = 0,
receive edge of SPI0_CLK
0.5tc(SPC)S -3
from SPI0_CLK rising
Polarity = 1, Phase = 1,
0.5tc(SPC)S -3
from SPI0_CLK falling
Polarity = 0, Phase = 0,
0
to SPI0_CLK falling
Polarity = 0, Phase = 1,
0
Input Setup Time, SPI0_SIMO valid
to SPI0_CLK rising
15
tsu(SIMO_SPC)S
before
ns
Polarity = 1, Phase = 0,
receive edge of SPI0_CLK
0
to SPI0_CLK rising
Polarity = 1, Phase = 1,
0
to SPI0_CLK falling
Polarity = 0, Phase = 0,
5
from SPI0_CLK falling
Polarity = 0, Phase = 1,
5
Input Hold Time, SPI0_SIMO valid
from SPI0_CLK rising
16
tih(SPC_SIMO)S
after
ns
Polarity = 1, Phase = 0,
receive edge of SPI0_CLK
5
from SPI0_CLK rising
Polarity = 1, Phase = 1,
5
from SPI0_CLK falling
(1)
P = SYSCLK2 period
(2)
First bit may be MSB or LSB depending upon SPI configuration. SO(0) refers to first bit and SO(n) refers to last bit output on
SPI0_SOMI. SI(0) refers to the first bit input and SI(n) refers to the last bit input on SPI0_SIMO.
(3)
Measured from the termination of the write of new data to the SPI module, In analyzing throughput requirements, additional internal bus
cycles must be accounted for to allow data to be written to the SPI module by the DSP CPU.
136
Peripheral Information and Electrical Specifications
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com