công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745DPTP3 bảng dữ liệu(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6745DPTP3
Giải thích chi tiết về linh kiện  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 bảng dữ liệu(HTML) 135 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 131Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 132Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 133Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 134Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 135Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 136Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 137Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 138Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
6.17.2 SPI Electrical Data/Timing
6.17.2.1 Serial Peripheral Interface (SPI) Timing
Table 6-54 through Table 6-69 assume testing over recommended operating conditions (see Figure 6-38
through Figure 6-41).
Table 6-54. General Timing Requirements for SPI0 Master Modes(1)
No.
PARAMETER
MIN
MAX
UNIT
1
tc(SPC)M
Cycle Time, SPI0_CLK, All Master Modes
greater of 3P or 20
256P
ns
2
tw(SPCH)M
Pulse Width High, SPI0_CLK, All Master Modes
0.5tc(SPC)M - 1
ns
3
tw(SPCL)M
Pulse Width Low, SPI0_CLK, All Master Modes
0.5tc(SPC)M - 1
ns
Polarity = 0, Phase = 0,
5
to SPI0_CLK rising
Polarity = 0, Phase = 1,
- 0.5tc(SPC)M + 5
Delay, initial data bit valid on
to SPI0_CLK rising
4
td(SIMO_SPC)M
SPI0_SIMO after initial edge
ns
Polarity = 1, Phase = 0,
on SPI0_CLK(2)
5
to SPI0_CLK falling
Polarity = 1, Phase = 1,
- 0.5tc(SPC)M + 5
to SPI0_CLK falling
Polarity = 0, Phase = 0,
5
from SPI0_CLK rising
Polarity = 0, Phase = 1,
5
Delay, subsequent bits valid
from SPI0_CLK falling
5
td(SPC_SIMO)M
on SPI0_SIMO after transmit
ns
Polarity = 1, Phase = 0,
edge of SPI0_CLK
5
from SPI0_CLK falling
Polarity = 1, Phase = 1,
5
from SPI0_CLK rising
Polarity = 0, Phase = 0,
0.5tc(SPC)M -3
from SPI0_CLK falling
Polarity = 0, Phase = 1,
0.5tc(SPC)M -3
Output hold time, SPI0_SIMO
from SPI0_CLK rising
6
toh(SPC_SIMO)M
valid after
ns
Polarity = 1, Phase = 0,
receive edge of SPI0_CLK
0.5tc(SPC)M -3
from SPI0_CLK rising
Polarity = 1, Phase = 1,
0.5tc(SPC)M -3
from SPI0_CLK falling
Polarity = 0, Phase = 0,
0
to SPI0_CLK falling
Polarity = 0, Phase = 1,
0
Input Setup Time, SPI0_SOMI
to SPI0_CLK rising
7
tsu(SOMI_SPC)M
valid before
ns
Polarity = 1, Phase = 0,
receive edge of SPI0_CLK
0
to SPI0_CLK rising
Polarity = 1, Phase = 1,
0
to SPI0_CLK falling
Polarity = 0, Phase = 0,
5
from SPI0_CLK falling
Polarity = 0, Phase = 1,
5
Input Hold Time, SPI0_SOMI
from SPI0_CLK rising
8
tih(SPC_SOMI)M
valid after
ns
Polarity = 1, Phase = 0,
receive edge of SPI0_CLK
5
from SPI0_CLK rising
Polarity = 1, Phase = 1,
5
from SPI0_CLK falling
(1)
P = SYSCLK2 period
(2)
First bit may be MSB or LSB depending upon SPI configuration. MO(0) refers to first bit and MO(n) refers to last bit output on
SPI0_SIMO. MI(0) refers to the first bit input and MI(n) refers to the last bit input on SPI0_SOMI.
Copyright © 2008–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
135
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com