| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320C6745DPTP3 bảng dữ liệu(PDF) 128 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6745DPTP3 bảng dữ liệu(HTML) 128 Page - Texas Instruments |
|
128 / 227 page ![]() TMS320C6745, TMS320C6747 SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014 www.ti.com 6.16.2.3 Multichannel Audio Serial Port 2 (McASP2) Timing Table 6-51 and Table 6-52 assume testing over recommended operating conditions (see Figure 6-34 and Figure 6-35). Table 6-51. McASP2 Timing Requirements(1) (2) NO. MIN MAX UNIT Cycle time, AHCLKR2 external, AHCLKR2 input 15 1 tc(AHCLKRX) ns Cycle time, AHCLKX2 external, AHCLKX2 input 15 Pulse duration, AHCLKR2 external, AHCLKR2 input 7.5 2 tw(AHCLKRX) ns Pulse duration, AHCLKX2 external, AHCLKX2 input 7.5 Cycle time, ACLKR2 external, ACLKR2 input greater of 2P or 15 3 tc(ACLKRX) ns Cycle time, ACLKX2 external, ACLKX2 input greater of 2P or 15 Pulse duration, ACLKR2 external, ACLKR2 input 7.5 4 tw(ACLKRX) ns Pulse duration, ACLKX2 external, ACLKX2 input 7.5 Setup time, AFSR2 input to ACLKR2 internal(3) 10 Setup time, AFSX2 input to ACLKX2 internal 10 Setup time, AFSR2 input to ACLKR2 external input (3) 1.6 5 tsu(AFSRX-ACLKRX) ns Setup time, AFSX2 input to ACLKX2 external input 1.6 Setup time, AFSR2 input to ACLKR2 external output (3) 1.6 Setup time, AFSX2 input to ACLKX2 external output 1.6 Hold time, AFSR2 input after ACLKR2 internal(3) -1.7 Hold time, AFSX2 input after ACLKX2 internal -1.7 Hold time, AFSR2 input after ACLKR2 external input (3) 1.3 6 th(ACLKRX-AFSRX) ns Hold time, AFSX2 input after ACLKX2 external input 1.3 Hold time, AFSR2 input after ACLKR2 external output (3) 1.3 Hold time, AFSX2 input after ACLKX2 external output 1.3 Setup time, AXR2[n] input to ACLKR2 internal (3) 10 Setup time, AXR2[n] input to ACLKX2 internal(4) 10 Setup time, AXR2[n] input to ACLKR2 external input (3) 1.6 7 tsu(AXR-ACLKRX) ns Setup time, AXR2[n] input to ACLKX2 external input (4) 1.6 Setup time, AXR2[n] input to ACLKR2 external output (3) 1.6 Setup time, AXR2[n] input to ACLKX2 external output (4) 1.6 Hold time, AXR2[n] input after ACLKR2 internal(3) -1.7 Hold time, AXR2[n] input after ACLKX2 internal (4) -1.7 Hold time, AXR2[n] input after ACLKR2 external input (3) 1.3 8 th(ACLKRX-AXR) ns Hold time, AXR2[n] input after ACLKX2 external input (4) 1.3 Hold time, AXR2[n] input after ACLKR2 external output (3) 1.3 Hold time, AXR2[n] input after ACLKX2 external output (4) 1.3 (1) ACLKX2 internal – McASP2 ACLKXCTL.CLKXM = 1, PDIR.ACLKX = 1 ACLKX2 external input – McASP2 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 0 ACLKX2 external output – McASP2 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 1 ACLKR2 internal – McASP2 ACLKRCTL.CLKRM = 1, PDIR.ACLKR =1 ACLKR2 external input – McASP2 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 0 ACLKR2 external output – McASP2 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 1 (2) P = SYSCLK2 period (3) McASP2 ACLKXCTL.ASYNC=1: Receiver is clocked by its own ACLKR2 (4) McASP2 ACLKXCTL.ASYNC=0: Receiver is clocked by transmitter's ACLKX2 128 Peripheral Information and Electrical Specifications Copyright © 2008–2014, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320C6745 TMS320C6747 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |