| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320C6745DPTP3 bảng dữ liệu(PDF) 124 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6745DPTP3 bảng dữ liệu(HTML) 124 Page - Texas Instruments |
|
124 / 227 page ![]() TMS320C6745, TMS320C6747 SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014 www.ti.com 6.16.2 McASP Electrical Data/Timing 6.16.2.1 Multichannel Audio Serial Port 0 (McASP0) Timing Table 6-47 and Table 6-48 assume testing over recommended operating conditions (see Figure 6-34 and Figure 6-35). Table 6-47. McASP0 Timing Requirements(1) (2) No. PARAMATER MIN MAX UNIT Cycle time, AHCLKR0 external, AHCLKR0 input 25 1 tc(AHCLKRX) ns Cycle time, AHCLKX0 external, AHCLKX0 input 25 Pulse duration, AHCLKR0 external, AHCLKR0 input 12.5 2 tw(AHCLKRX) ns Pulse duration, AHCLKX0 external, AHCLKX0 input 12.5 Cycle time, ACLKR0 external, ACLKR0 input greater of 2P or 25 3 tc(ACLKRX) ns Cycle time, ACLKX0 external, ACLKX0 input greater of 2P or 25 Pulse duration, ACLKR0 external, ACLKR0 input 12.5 4 tw(ACLKRX) ns Pulse duration, ACLKX0 external, ACLKX0 input 12.5 Setup time, AFSR0 input to ACLKR0 internal(3) 9.4 Setup time, AFSX0 input to ACLKX0 internal 9.4 Setup time, AFSR0 input to ACLKR0 external input (3) 2.9 5 tsu(AFSRX-ACLKRX) ns Setup time, AFSX0 input to ACLKX0 external input 2.9 Setup time, AFSR0 input to ACLKR0 external output (3) 2.9 Setup time, AFSX0 input to ACLKX0 external output 2.9 Hold time, AFSR0 input after ACLKR0 internal(3) -1.2 Hold time, AFSX0 input after ACLKX0 internal -1.2 Hold time, AFSR0 input after ACLKR0 external input (3) 0.9 6 th(ACLKRX-AFSRX) ns Hold time, AFSX0 input after ACLKX0 external input 0.9 Hold time, AFSR0 input after ACLKR0 external output (3) 0.9 Hold time, AFSX0 input after ACLKX0 external output 0.9 Setup time, AXR0[n] input to ACLKR0 internal (3) 9.4 Setup time, AXR0[n] input to ACLKX0 internal(4) 9.4 Setup time, AXR0[n] input to ACLKR0 external input (3) 2.9 7 tsu(AXR-ACLKRX) ns Setup time, AXR0[n] input to ACLKX0 external input (4) 2.9 Setup time, AXR0[n] input to ACLKR0 external output (3) 2.9 Setup time, AXR0[n] input to ACLKX0 external output (4) 2.9 Hold time, AXR0[n] input after ACLKR0 internal(3) -1.3 Hold time, AXR0[n] input after ACLKX0 internal (4) -1.3 Hold time, AXR0[n] input after ACLKR0 external input (3) 0.5 8 th(ACLKRX-AXR) ns Hold time, AXR0[n] input after ACLKX0 external input (4) 0.5 Hold time, AXR0[n] input after ACLKR0 external output (3) 0.5 Hold time, AXR0[n] input after ACLKX0 external output (4) 0.5 (1) ACLKX0 internal – McASP0 ACLKXCTL.CLKXM = 1, PDIR.ACLKX = 1 ACLKX0 external input – McASP0 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 0 ACLKX0 external output – McASP0 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 1 ACLKR0 internal – McASP0 ACLKRCTL.CLKRM = 1, PDIR.ACLKR =1 ACLKR0 external input – McASP0 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 0 ACLKR0 external output – McASP0 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 1 (2) P = SYSCLK2 period (3) McASP0 ACLKXCTL.ASYNC=1: Receiver is clocked by its own ACLKR0 (4) McASP0 ACLKXCTL.ASYNC=0: Receiver is clocked by transmitter's ACLKX0 124 Peripheral Information and Electrical Specifications Copyright © 2008–2014, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320C6745 TMS320C6747 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |