| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CP3SP33SMS/NOPB bảng dữ liệu(PDF) 334 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CP3SP33SMS/NOPB bảng dữ liệu(HTML) 334 Page - Texas Instruments |
|
334 / 407 page ![]() CP3SP33 SNOSCW5 – MAY 2013 www.ti.com 33 Dual Versatile Timer Units (VTU) Each Versatile Timer Unit (VTU) contains four fully independent 16-bit timer subsystems. Each timer subsystem can operate either as dual 8-bit PWM timers, as a single 16-bit PWM timer, or as a 16-bit counter with 2 input capture channels. These timer subsystems offers an 8-bit clock prescaler to accommodate a wide range of system frequencies. Each of the two VTUs provided on the CP3SP33 offers the following features: • The VTU can be configured to provide: – Eight fully independent 8-bit PWM channels – Four fully independent 16-bit PWM channels – Eight 16-bit input capture channels • The VTU consists of four timer subsystems, each of which contains: – A 16-bit counter – Two 16-bit capture / compare registers – An 8-bit fully programmable clock prescaler • Each of the four timer subsystems can operate in the following modes: – Low power mode, i.e., all clocks are stopped – Dual 8-bit PWM mode – 16-bit PWM mode – Dual 16-bit input capture mode • The VTU controls a total of eight I/O pins, each of which can function as either: – PWM output with programmable output polarity – Capture input with programmable event detection and timer reset • A flexible interrupt scheme with – Four separate system level interrupt requests – A total of 16 interrupt sources each with a separate interrupt pending bit and interrupt enable bit 33.1 VTU Functional Description Each VTU is comprised of four timer subsystems. Each timer subsystem contains an 8-bit clock prescaler, a 16-bit up-counter, and two 16-bit registers. Each timer subsystem controls two I/O pins which either function as PWM outputs or capture inputs depending on the mode of operation. There are four system- level interrupt requests, one for each timer subsystem. Each system-level interrupt request is controlled by four interrupt pending bits with associated enable/disable bits. All four timer subsystems are fully independent, and each may operate as a dual 8-bit PWM timer, a 16-bit PWM timer, or as a dual 16-bit capture timer. Figure 33-1 shows the main elements of the VTU. 334 Dual Versatile Timer Units (VTU) Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links :CP3SP33 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |