| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CP3SP33SMS/NOPB bảng dữ liệu(PDF) 330 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CP3SP33SMS/NOPB bảng dữ liệu(HTML) 330 Page - Texas Instruments |
|
330 / 407 page ![]() CP3SP33 SNOSCW5 – MAY 2013 www.ti.com 7 5M M4 0 Reserved CLKPS CLKPS The Clock Prescaler field specifies the divisor used to generate the Timer Clock from PCLK Clock. When the timer is configured to use the prescaled clock, PCLK Clock is divided by (CLKPS + 1) to produce the timer clock. Therefore, the PCLK Clock divisor can range from 1 to 32. 32.5.2 Clock Unit Control Register n (TCKC_n) The TCKC_n register is a byte-wide, read/write register that selects the clock source for each timer/counter. Selecting the clock source also starts the counter. This register is cleared on reset, which disables the timer/counters. The register format is shown below. 7 6 5 3 2 0 Reserved C2CSEL C1CSEL C1CSEL The Counter 1 Clock Select field specifies the clock mode for Timer/Counter 1 as follows: 000 – No clock (Timer/Counter 1 stopped, modes 1, 2, and 3 only). 001 – Prescaled PCLK Clock. 010 – External event on TBn (modes 1 and 3 only). 011 – Pulse-accumulate mode based on TBn (modes 1 and 3 only). 100 – Slow Clock. 101 – Reserved. 110 – Reserved. 111 – Reserved. C2CSEL The Counter 2 Clock Select field specifies the clock mode for Timer/Counter 2 as follows: 000 – No clock (Timer/Counter 2 stopped, modes 1, 2, and 3 only). 001 – Prescaled PCLK Clock. 010 – External event on TBn (modes 1 and 3 only). 011 – Pulse-accumulate mode based on TBn (modes 1 and 3 only). 100 – Slow Clock. 101 – Reserved. 110 – Reserved. 111 – Reserved. 32.5.3 Timer/Counter 1 Register n (TCNT1_n) The TCNT1_n register is a 16-bit, read/write register that holds the current count value for Timer/Counter 1. The register contents are not affected by a reset and are unknown after power-up. 15 0 TCNT1 32.5.4 Timer/Counter 2 Register n (TCNT2_n) The TCNT2_n register is a 16-bit, read/write register that holds the current count value for Timer/Counter 2. The register contents are not affected by a reset and are unknown after power-up. 15 0 TCNT2 32.5.5 Reload/Capture A Register n (TCRA_n) The TCRA_n register is a 16-bit, read/write register that holds the reload or capture value for Timer/Counter 1. The register contents are not affected by a reset and are unknown after power-up. 330 Dual Multi-Function Timers Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links :CP3SP33 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |