| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI7C8150BMA-33 bảng dữ liệu(PDF) 28 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C8150BMA-33 bảng dữ liệu(HTML) 28 Page - Pericom Semiconductor Corporation |
|
28 / 107 page ![]() PI7C8150B ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE Page 28 of 107 April 2015 – Revision 2.1 transaction before all pre-fetched read data is delivered. Any leftover pre-fetched data is discarded. Prefetchable read transactions in flow-through mode pre-fetch to the nearest aligned 4KB address boundary, or until the initiator de-asserts FRAME_L. Section 3.6.6 describes flow- through mode during read operations. Table 3-4 shows the read pre-fetch address boundaries for read transactions during non- flow-through mode. Table 3-4. Read Prefetch Address Boundaries Type of Transaction Address Space Cache Line Size (CLS) Prefetch Aligned Address Boundary Configuration Read - * One DWORD (no prefetch) I/O Read - * One DWORD (no prefetch) Memory Read Non-Prefetchable * One DWORD (no prefetch) Memory Read Prefetchable CLS = 0 or 16 16-DWORD aligned address boundary Memory Read Prefetchable CLS = 1, 2, 4, 8, 16 Cache line address boundary Memory Read Line - CLS = 0 or 16 16-DWORD aligned address boundary Memory Read Line - CLS = 1, 2, 4, 8, 16 Cache line boundary Memory Read Multiple - CLS = 0 or 16 32-DWORD aligned address boundary Memory Read Multiple - CLS = 1, 2, 4, 8, 16 2X of cache line boundary - does not matter if it is prefetchable or non-prefetchable * don’t care Table 3-5. Read Transaction Prefetching Type of Transaction Read Behavior I/O Read Prefetching never allowed Configuration Read Prefetching never allowed Memory Read Downstream: Prefetching used if address is prefetchable space Upstream: Prefetching used or programmable Memory Read Line Prefetching always used Memory Read Multiple Prefetching always used See Section 4.3 for detailed information about prefetchable and non-prefetchable address spaces. 3.6.4 DELAYED READ REQUESTS PI7C8150B treats all read transactions as delayed read transactions, which means that the read request from the initiator is posted into a delayed transaction queue. Read data from the target is placed in the read data queue directed toward the initiator bus interface and is transferred to the initiator when the initiator repeats the read transaction. When PI7C8150B accepts a delayed read request, it first samples the read address, read bus command, and address parity. When IRDY_L is asserted, PI7C8150B then samples the byte enable bits for the first data phase. This information is entered into the delayed transaction queue. PI7C8150B terminates the transaction by signaling a target retry to the initiator. Upon reception of the target retry, the initiator is required to continue to repeat the same read transaction until at least one data transfer is completed, or until a target response (target abort or master abort) other than a target retry is received. 15-0048 |