công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI7C8150BMA-33 bảng dữ liệu(PDF) 37 Page - Pericom Semiconductor Corporation

tên linh kiện PI7C8150BMA-33
Giải thích chi tiết về linh kiện  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 bảng dữ liệu(HTML) 37 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 34Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 37Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 38Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 41Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 37 of 107
April 2015 – Revision 2.1
After the PI7C8150B makes 2
24 (default) attempts of the same delayed write trans-action
on the target bus, PI7C8150B asserts P_SERR_L if the SERR_L enable bit (bit 8 of
command register for the secondary bus) is set and the delayed-write-non-delivery bit is
not set. The delayed-write-non-delivery bit is bit 5 of P_SERR_L event disable register
(offset 64h). PI7C8150B will report system error. See Section 6.4 for a description of
system error conditions.
3.8.3.2
POSTED WRITE TARGET TERMINATION RESPONSE
When PI7C8150B initiates a posted write transaction, the target termination cannot be
passed back to the initiator. Table 3-8 shows the response to each type of target
termination that occurs during a posted write transaction.
Table 3-8. Response to Posted Write Target Termination
Target Termination
Repsonse
Normal
No additional action.
Target Retry
Repeating write transaction to target.
Target Disconnect
Initiate write transaction for delivering remaining posted write data.
Target Abort
Set received-target-abort bit in the target interface status register. Assert
P_SERR# if enabled, and set the signaled-system-error bit in primary status
register.
Note that when a target retry or target disconnect is returned and posted write data
associated with that transaction remains in the write buffers, PI7C8150B initiates another
write transaction to attempt to deliver the rest of the write data. If there is a target retry, the
exact same address will be driven as for the initial write trans-action attempt. If a target
disconnect is received, the address that is driven on a subsequent write transaction attempt
will be updated to reflect the address of the current DWORD. If the initial write transaction
is Memory-Write-and-Invalidate transaction, and a partial delivery of write data to the
target is performed before a target disconnect is received, PI7C8150B will use the memory
write command to deliver the rest of the write data. It is because an incomplete cache line
will be transferred in the subsequent write transaction attempt.
After the PI7C8150B makes 2
24 (default) write transaction attempts and fails to deliver all
posted write data associated with that transaction, PI7C8150B asserts P_SERR_L if the
primary SERR_L enable bit is set (bit 8 of command register for secondary bus) and
posted-write-non-delivery bit is not set. The posted-write-non-delivery bit is the bit 2 of
P_SERR_L event disable register (offset 64h). PI7C8150B will report system error. See
Section 6.4 for a discussion of system error conditions.
3.8.3.3
DELAYED READ TARGET TERMINATION RESPONSE
When PI7C8150B initiates a delayed read transaction, the abnormal target responses can be
passed back to the initiator. Other target responses depend on how much data the initiator
requests. Table 3-9 shows the response to each type of target termination that occurs
during a delayed read transaction.
PI7C8150B repeats a delayed read transaction until one of the following conditions is met:
PI7C8150B completes at least one data transfer.
PI7C8150B receives a master abort.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More