| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI7C8150BMA-33 bảng dữ liệu(PDF) 35 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C8150BMA-33 bảng dữ liệu(HTML) 35 Page - Pericom Semiconductor Corporation |
|
35 / 107 page ![]() PI7C8150B ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE Page 35 of 107 April 2015 – Revision 2.1 STOP_L asserted with DEVSEL_L and TRDY_L de-asserted. Indicates that target will never be able to complete this transaction. DEVSEL_L must be asserted for at least one cycle during the transaction before the target abort is signaled. 3.8.1 MASTER TERMINATION INITIATED BY PI7C8150B PI7C8150B, as an initiator, uses normal termination if DEVSEL_L is returned by target within five clock cycles of PI7C8150B’s assertion of FRAME_L on the target bus. As an initiator, PI7C8150B terminates a transaction when the following conditions are met: During a delayed write transaction, a single DWORD is delivered. During a non-prefetchable read transaction, a single DWORD is transferred from the target. During a prefetchable read transaction, a pre-fetch boundary is reached. For a posted write transaction, all write data for the transaction is transferred from data buffers to the target. For burst transfer, with the exception of “Memory Write and Invalidate” transactions, the master latency timer expires and the PI7C8150B’s bus grant is de-asserted. The target terminates the transaction with a retry, disconnect, or target abort. If PI7C8150B is delivering posted write data when it terminates the transaction because the master latency timer expires, it initiates another transaction to deliver the remaining write data. The address of the transaction is updated to reflect the address of the current DWORD to be delivered. If PI7C8150B is pre-fetching read data when it terminates the transaction because the master latency timer expires, it does not repeat the transaction to obtain more data. 3.8.2 MASTER ABORT RECEIVED BY PI7C8150B If the initiator initiates a transaction on the target bus and does not detect DEVSEL_L returned by the target within five clock cycles of the assertion of FRAME_L, PI7C8150B terminates the transaction with a master abort. This sets the received-master-abort bit in the status register corresponding to the target bus. For delayed read and write transactions, PI7C8150B is able to reflect the master abort condition back to the initiator. When PI7C8150B detects a master abort in response to a delayed transaction, and when the initiator repeats the transaction, PI7C8150B does not respond to the transaction with DEVSEL_L, which induces the master abort condition back to the initiator. The transaction is then removed from the delayed transaction queue. When a master abort is received in response to a posted write transaction, PI7C8150B discards the posted write data and makes no more attempts to deliver the data. PI7C8150B sets the received-master-abort bit in the status register when the master abort is received on the primary bus, or it sets the received master abort bit in the secondary status register when the master abort is received on the secondary interface. When master abort is detected in posted write transaction with both master-abort-mode bit (bit 5 of bridge control register) and the SERR_L enable bit (bit 8 of command register for secondary bus) are set, 15-0048 |