công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI7C8150BMA-33 bảng dữ liệu(PDF) 60 Page - Pericom Semiconductor Corporation

tên linh kiện PI7C8150BMA-33
Giải thích chi tiết về linh kiện  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 bảng dữ liệu(HTML) 60 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 56Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 57Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 58Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 59Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 60Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 61Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 62Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 63Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 64Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 60 of 107
April 2015 – Revision 2.1
In compliance with the PCI-to-PCI Bridge Architecture Specification, PI7C8150B asserts
P_SERR_L when it detects the secondary SERR_L input, S_SERR_L, asserted and the
SERR_L forward enable bit is set in the bridge control register. In addition, PI7C8150B
also sets the received system error bit in the secondary status register.
PI7C8150B also conditionally asserts P_SERR_L for any of the following reasons:
Target abort detected during posted write transaction
Master abort detected during posted write transaction
Posted write data discarded after 2
24 (default) attempts to deliver (224 target retries
received)
Parity error reported on target bus during posted write transaction (see previous section)
Delayed write data discarded after 2
24 (default) attempts to deliver (224 target retries
received)
Delayed read data cannot be transferred from target after 2
24 (default) attempts (224
target retries received)
Master timeout on delayed transaction
The device-specific P_SERR_L status register reports the reason for the assertion of
P_SERR_L. Most of these events have additional device-specific disable bits in the
P_SERR_L event disable register that make it possible to mask out P_SERR_L assertion
for specific events. The master timeout condition has a SERR_L enable bit for that event in
the bridge control register and therefore does not have a device-specific disable bit.
7
EXCLUSIVE ACCESS
This chapter describes the use of the LOCK_L signal to implement exclusive access to a
target for transactions that cross PI7C8150B.
7.1
CONCURRENT LOCKS
The primary and secondary bus lock mechanisms operate concurrently except when
a locked transaction crosses PI7C8150B. A primary master can lock a primary target
without affecting the status of the lock on the secondary bus, and vice versa. This means
that a primary master can lock a primary target at the same time that a secondary master
locks a secondary target.
7.2
ACQUIRING EXCLUSIVE ACCESS ACROSS PI7C8150B
For any PCI bus, before acquiring access to the LOCK_L signal and starting a series of
locked transactions, the initiator must first check that both of the following conditions are
met:
The PCI bus must be idle.
The LOCK_L signal must be de-asserted.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com