| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI7C8150BMA-33 bảng dữ liệu(PDF) 58 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C8150BMA-33 bảng dữ liệu(HTML) 58 Page - Pericom Semiconductor Corporation |
|
58 / 107 page ![]() PI7C8150B ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE Page 58 of 107 April 2015 – Revision 2.1 Table 6-5 shows assertion of P_PERR_L. This signal is set under the following conditions: PI7C8150B is either the target of a write transaction or the initiator of a read transaction on the primary bus. The parity-error-response bit must be set in the command register of primary interface. PI7C8150B detects a data parity error on the primary bus or detects S_PERR_L asserted during the completion phase of a downstream delayed write transaction on the target (secondary) bus. Table 6-5. Assertion of P_PERR_L P_PERR_L Transaction Type Direction Bus Where Error Was Detected Primary/ Secondary Parity Error Response Bits 1 (de-asserted) Read Downstream Primary x / x 1 Read Downstream Secondary x / x 0 (asserted) Read Upstream Primary 1 / x 1 Read Upstream Secondary x / x 0 Posted Write Downstream Primary 1 / x 1 Posted Write Downstream Secondary x / x 1 Posted Write Upstream Primary x / x 1 Posted Write Upstream Secondary x / x 0 Delayed Write Downstream Primary 1 / x 0 2 Delayed Write Downstream Secondary 1 / 1 1 Delayed Write Upstream Primary x / x 1 Delayed Write Upstream Secondary x / x X = don’t care 2 The parity error was detected on the target (secondary) bus but not on the initiator (primary) bus. Table 6-6 shows assertion of S_PERR_L that is set under the following conditions: PI7C8150B is either the target of a write transaction or the initiator of a read transaction on the secondary bus. The parity error response bit must be set in the bridge control register of secondary interface. PI7C8150B detects a data parity error on the secondary bus or detects P_PERR_L asserted during the completion phase of an upstream delayed write transaction on the target (primary) bus. Table 6-6. Assertion of S_PERR_L S_PERR_L Transaction Type Direction Bus Where Error Was Detected Primary/ Secondary Parity Error Response Bits 1 (de-asserted) Read Downstream Primary x / x 0 (asserted) Read Downstream Secondary x / 1 1 Read Upstream Primary x / x 1 Read Upstream Secondary x / x 1 Posted Write Downstream Primary x / x 1 Posted Write Downstream Secondary x / x 1 Posted Write Upstream Primary x / x 0 Posted Write Upstream Secondary x / 1 1 Delayed Write Downstream Primary x / x 15-0048 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |