công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI7C8150BMA-33 bảng dữ liệu(PDF) 57 Page - Pericom Semiconductor Corporation

tên linh kiện PI7C8150BMA-33
Giải thích chi tiết về linh kiện  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 bảng dữ liệu(HTML) 57 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 53Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 54Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 55Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 56Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 57Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 58Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 59Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 60Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 61Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 57 of 107
April 2015 – Revision 2.1
Table 6-3 shows setting data parity detected bit in the primary interface’s status register.
This bit is set under the following conditions:
PI7C8150B must be a master on the primary bus.
The parity error response bit in the command register, corresponding to the primary
interface, must be set.
The P_PERR_L signal is detected asserted or a parity error is detected on the primary
bus.
Table 6-3. Setting Primary Interface Master Data Parity Error Detected Bit
Primary
Data
Parity Bit
Transaction Type
Direction
Bus Where Error
Was Detected
Primary /
Secondary Parity
Error Response
Bits
0
Read
Downstream
Primary
x / x
0
Read
Downstream
Secondary
x / x
1
Read
Upstream
Primary
1 / x
0
Read
Upstream
Secondary
x / x
0
Posted Write
Downstream
Primary
x / x
0
Posted Write
Downstream
Secondary
x / x
1
Posted Write
Upstream
Primary
1 / x
0
Posted Write
Upstream
Secondary
x / x
0
Delayed Write
Downstream
Primary
x / x
0
Delayed Write
Downstream
Secondary
x / x
1
Delayed Write
Upstream
Primary
1 / x
0
Delayed Write
Upstream
Secondary
x / x
X = don’t care
Table 6-4 shows setting the data parity detected bit in the status register of secondary
interface. This bit is set under the following conditions:
The PI7C8150B must be a master on the secondary bus.
The parity error response bit must be set in the bridge control register of secondary
interface.
The S_PERR_L signal is detected asserted or a parity error is detected on the
secondary bus.
Table 6-4. Setting Secondary Interface Master Data Parity Error Detected Bit
Secondary
Detected
Parity
Detected Bit
Transaction Type
Direction
Bus Where Error
Was Detected
Primary /
Secondary Parity
Error Response
Bits
0
Read
Downstream
Primary
x / x
1
Read
Downstream
Secondary
x / 1
0
Read
Upstream
Primary
x / x
0
Read
Upstream
Secondary
x / x
0
Posted Write
Downstream
Primary
x / x
1
Posted Write
Downstream
Secondary
x / 1
0
Posted Write
Upstream
Primary
x / x
0
Posted Write
Upstream
Secondary
x / x
0
Delayed Write
Downstream
Primary
x / x
1
Delayed Write
Downstream
Secondary
x / 1
0
Delayed Write
Upstream
Primary
x / x
0
Delayed Write
Upstream
Secondary
x / x
X= don’t care
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com