công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPSD3312D bảng dữ liệu(PDF) 209 Page - STMicroelectronics

tên linh kiện UPSD3312D
Giải thích chi tiết về linh kiện  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D bảng dữ liệu(HTML) 209 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 205Page - STMicroelectronics UPSD3312D Datasheet HTML 206Page - STMicroelectronics UPSD3312D Datasheet HTML 207Page - STMicroelectronics UPSD3312D Datasheet HTML 208Page - STMicroelectronics UPSD3312D Datasheet HTML 209Page - STMicroelectronics UPSD3312D Datasheet HTML 210Page - STMicroelectronics UPSD3312D Datasheet HTML 211Page - STMicroelectronics UPSD3312D Datasheet HTML 212Page - STMicroelectronics UPSD3312D Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
PSD module
Doc ID 9685 Rev 7
209/272
Table 131.
Port configuration setting requirements
27.4.37
MCU I/O mode
In MCU I/O mode, the 8032 on the MCU module expands its own I/O by using the I/O Ports
on the PSD module. The 8032 can read PSD module I/O pins, set the direction of the I/O
pins, and change the output state of I/O pins by accessing the Data In, Direction, and Data
Out csiop registers respectively at run-time.
To implement MCU I/O mode, each desired pin is specified in PSDsoft Express as MCU I/O
function and given a pin name. Then 8032 firmware is written to set the Direction bit for each
corresponding pin during initialization routines (0 = In, 1 = Out of the chip), then the 8032
firmware simply reads the corresponding Data In register to determine the state of an I/O
pin, or writes to a Data Out register to set the state of a pin. The Direction of each pin may
be changed dynamically by the 8032 if desired. A mixture of input and output pins within a
single port is allowed. Figure 68 on page 208 shows the Data In, Data Out, and Direction
signal paths.
The Data In registers are defined in Table 132 to Table 135 on page 210. The Data Out
registers are defined in Table 136 to Table 139 on page 211. The Direction registers are
defined in Table 140 to Table 27.4.38 on page 212.
Port
operating
mode
Required action in
PSDsoft Express to
configure each pin
Value that 8032
writes to csiop
Control register
at run-time
Value that 8032
writes to csiop
Direction
register at run-
time
Value that 8032
writes to bit 7
(PIO_EN) of csiop
VM register at run-
time
MCU I/O
Choose the MCU I/O
function and declare
the pin name
Logic '0' (default)
Logic 1 = Out of
UPSD
Logic 0 = Into
UPSD
N/A
PLD I/O
Choose the PLD
function type, declare
pin name, and specify
logic equation(s)
N/A
Direction register
has no effect on a
pin if pin is driven
from OMC output
N/A
Latched
Address Output
Choose Latched
Address Out function,
declare pin name
Logic '1'
Logic '1' Only
N/A
Peripheral I/O
Choose Peripheral
I/O mode function
and specify address
range in DPLD for
PSELx
N/A
N/A
PIO_EN Bit = Logic
1
(default is '0')
4-PIN JTAG ISP
No action required in
PSDsoft to get 4-pin
JTAG. By default
TDO, TDI, TCK, TMS
are dedicated JTAG
functions.
N/A
N/A
N/A
6-PIN JTAG ISP
(faster
programming)
Choose JTAG TSTAT
function for pin PC3
and JTAG TERR
function for pin PC4.
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com