| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSD3312D bảng dữ liệu(PDF) 203 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3312D bảng dữ liệu(HTML) 203 Page - STMicroelectronics |
|
203 / 272 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD33xx PSD module Doc ID 9685 Rev 7 203/272 Table 122. OMC port and data bit assignments 27.4.31 Loading and reading OMCs Each of the two OMC groups (eight OMCs each) occupies a byte in csiop space, named MCELLAB and MCELLBC (see Table 123 and Table 124 on page 204). When the 8032 writes or reads these two OMC registers in csiop it is accessing each of the OMCs through it’s 8-bit data bus, with the bit assignment shown in Table 122 on page 203. Sometimes it is important to know the bit assignment when the user builds GPLD logic that is accessed by the 8032. For example, the user may create a 4-bit counter that must be loaded and read by the 8032, so the user must know which nibble in the corresponding csiop OMC register the firmware must access. The fitter report generated by PSDsoft Express will indicate how it assigned the OMCs and data bus bits to the logic. The user can optionally force PSDsoft Express to assign logic to specific OMCs and data bus bits if desired by using the ‘PROPERTY’ statement in PSDsoft Express. Please see the PSDsoft Express User’s Manual for more information on OMC assignments. Loading the OMC flip-flops with data from the 8032 takes priority over the PLD logic functions. As such, the preset, clear, and clock inputs to the flip-flop can be asynchronously overridden when the 8032 writes to the csiop registers to load the individual OMCs. OMC Port assignment (1)(2) 1. MCELLAB0-MCELLAB7 can be output to Port A pins only on 80-pin devices. Port A is not available on 52- pin devices 2. Port pins PC0, PC1, PC5, and PC6 are dedicated JTAG pins and are not available as outputs for MCELLBC 0, 1, 5, or 6 Native Product terms from AND- OR array Maximum borrowed product terms Data bit on 8032 data bus for loading or reading OMC MCELLAB0 Port A0 or B0 3 6 D0 MCELLAB1 Port A1 or B1 3 6 D1 MCELLAB2 Port A2 or B2 3 6 D2 MCELLAB3 Port A3 or B3 3 6 D3 MCELLAB4 Port A4 or B4 3 6 D4 MCELLAB5 Port A5 or B5 3 6 D5 MCELLAB6 Port A6 or B6 3 6 D6 MCELLAB7 Port A7 or B7 3 6 D7 MCELLBC0 Port B0 4 5 D0 MCELLBC1 Port B1 4 5 D1 MCELLBC2 Port B or C2 4 5 D2 MCELLBC3 Port B3 or C3 4 5 D3 MCELLBC4 Port B4 or C4 4 6 D4 MCELLBC5 Port B5 4 6 D5 MCELLBC6 Port B6 4 6 D6 MCELLBC7 Port B7 orC7 4 6 D7 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |