| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSD3312D bảng dữ liệu(PDF) 189 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3312D bảng dữ liệu(HTML) 189 Page - STMicroelectronics |
|
189 / 272 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD33xx PSD module Doc ID 9685 Rev 7 189/272 The Error Flag Bit (DQ5) is set if either an internal timeout occurred while the embedded algorithm attempted to program the byte, or if the 8032 attempted to program bit to logic ’1’ when that bit was already programmed to logic ’0’ (must erase to achieve logic ’1’). It is suggested (as with all Flash memories) to read the location again after the embedded programming algorithm has completed, to compare the byte that was written to Flash memory with the byte that was intended to be written. When using the Data Toggle method during an erase operation, Figure 61 on page 189 still applies. the Toggle Flag Bit (DQ6) toggles until the erase operation is complete. A ’1’ on the Error Flag Bit (DQ5) indicates a timeout condition on the Erase cycle, a ’0’ indicates no error. The 8032 can read any location within the sector being erased to get the Toggle Flag Bit (DQ6) and the Error Flag Bit (DQ5). PSDsoft Express generates ANSI C code functions for implementation of these Data Toggling algorithms. Figure 61. Data Toggle flowchart 27.4.12 Ready/Busy (PC3) This signal can be used to output the Ready/Busy status of a program or erase operation on either Flash memory. The output on the Ready/Busy pin is a ’0’ (Busy) when either Flash memory array is being written, or when either Flash memory array is being erased. The output is a ’1’ (Ready) when no program or erase operation is in progress. To activate this function on this pin, the user must select the “Ready/Busy” selection in PSDsoft Express when configuring pin PC3. This pin may be polled by the 8032 or used as a 8032 interrupt to indicate when an erase or program operation is complete (requires routing the signal on PC board from PC3 back into a pin on the MCU module). This signal is also available internally READ DQ5 & DQ6 START READ DQ6 FAIL PASS AI01370B DQ6 = TOGGLE NO NO YES YES DQ5 = 1 NO YES DQ6 = TOGGLE |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |