| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSD3312D bảng dữ liệu(PDF) 142 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3312D bảng dữ liệu(HTML) 142 Page - STMicroelectronics |
|
142 / 272 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) Synchronous peripheral interface (SPI) UPSD33xx 142/272 Doc ID 9685 Rev 7 Figure 40. SPI device connection examples 24.1 SPI bus features and communication flow The SPICLK signal is a gated clock generated from the UPSD33xx (Master) and regulates the flow of data bits. The Master may transmit at a variety of baud rates, and the SPICLK signal will clock one period for each bit of transmitted data. Data is shifted on one edge of SPICLK and sampled on the opposite edge. The SPITxD signal is generated by the Master and received by the Slave device. The SPIRxD signal is generated by the Slave device and received by the Master. There may be no more than one Slave device transmitting data on SPIRxD at any given time in a multi- Slave configuration. Slave selection is accomplished when a Slave’s “Slave Select” (SS) input is permanently grounded or asserted active-low by a Master device. Slave devices that are not selected do not interfere with SPI activities. Slave devices ignore SPICLK and keep their MISO output pins in high-impedance state when not selected. The SPI specification allows a selection of clock polarity and clock phase with respect to data. The UPSD33xx supports the choice of clock polarity, but it does not support the choice of clock phase (phase is fixed at what is typically known as CPHA = 1). See Figure 42 and Figure 43 on page 144 for SPI data and clock relationships. Referring to these figures (42 and 43), when the phase mode is defined as such (fixed at CPHA =1), in a new SPI data frame, the Master device begins driving the first data bit on SPITxD at the very first edge of the first clock period of SPICLK. The Slave device will use this first clock edge as a transmission start indicator, and therefore the Slave’s Slave Select input signal may remain grounded in a single-Master/single-Slave SPI Bus SPI Bus SPI Bus SPITxD SPIRxD UPSD33xx SPI Master SPI Slave Device SPICLK SPISEL AI07853c MOSI MISO SCLK Single-Master/Single-Slave, with SPISEL Single-Master/Single-Slave, without SPISEL Single-Master/Multiple-Slave, without SPISEL SS SPI Slave Device MOSI MISO SCLK SS SPI Slave Device MOSI MISO SCLK SS SS SPITxD SPIRxD UPSD33xx SPI Master SPI Slave Device SPICLK SPITxD SPIRxD UPSD33xx SPI Mastecc SPICLK GPIO or PLD GPIO or PLD MOSI MISO SCLK |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |