công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD78323LP bảng dữ liệu(PDF) 40 Page - NEC

tên linh kiện UPD78323LP
Giải thích chi tiết về linh kiện  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD78323LP bảng dữ liệu(HTML) 40 Page - NEC

Back Button UPD78323LP Datasheet HTML 36Page - NEC UPD78323LP Datasheet HTML 37Page - NEC UPD78323LP Datasheet HTML 38Page - NEC UPD78323LP Datasheet HTML 39Page - NEC UPD78323LP Datasheet HTML 40Page - NEC UPD78323LP Datasheet HTML 41Page - NEC UPD78323LP Datasheet HTML 42Page - NEC UPD78323LP Datasheet HTML 43Page - NEC UPD78323LP Datasheet HTML 44Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 86 page
background image
40
µPD78323, 78324
3.10 WATCHDOG TIMER
The watchdog timer is used to prevent program overrun and deadlock. Normal operation of the program or system can
be confirmed by checking that no watchdog timer interrupt has been generated. Thus, an instruction to clear the watchdog
timer (timer start) is set into each program module.
If the watchdog timer clear instruction is not cleared within the time period set into the watchdog timer and the watchdog
timer overflows, a watchdog timer interrupt is generated, and a low level is generated to WDTO pin, thereby notifying of
an error in the program.
The watchdog timer can also be used to maintain the oscillation stabilizing time of the oscillator after the stop mode has
been released.
Figure 3-8 shows the watchdog timer configuration.
Figure 3-8. Watchdog Timer Configuration
fCLK/28
fCLK/210
fCLK/212
Watchdog Timer (8 Bits)
Clear
Timer (5 Bits)
Oscillation Stabilizing
Time Controller
INTWDT
WDTO
WDT CLR
WDT STOP
Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com