công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD78323LP bảng dữ liệu(PDF) 24 Page - NEC

tên linh kiện UPD78323LP
Giải thích chi tiết về linh kiện  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD78323LP bảng dữ liệu(HTML) 24 Page - NEC

Back Button UPD78323LP Datasheet HTML 20Page - NEC UPD78323LP Datasheet HTML 21Page - NEC UPD78323LP Datasheet HTML 22Page - NEC UPD78323LP Datasheet HTML 23Page - NEC UPD78323LP Datasheet HTML 24Page - NEC UPD78323LP Datasheet HTML 25Page - NEC UPD78323LP Datasheet HTML 26Page - NEC UPD78323LP Datasheet HTML 27Page - NEC UPD78323LP Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 86 page
background image
24
µPD78323, 78324
2.2.3
Special Function Registers (SFR)
These registers are provided with special functions. They include various peripheral hardware mode registers and control
registers (CCW).
The special function registers are assigned in the FF00H to FFFFH 256-byte space. Short direct memory addressing
is applied to the FF00H to FF1FH 32-byte area for processing with a short word length.
The bit manipulation, arithmetic and transfer instructions can be executed in all areas. The FFD0H to FFDFH 16-byte
area is externally accessible by SFR addressing. Thus, the external memory can be accessed and the external device bit
manipulation can be carried out by an instruction having a short word length.
Table 2-2 lists the special function registers (SFR). The items in the table have the following meanings.
• Symbol................. Indicates the address of the built-in special function register.
Can be described in the instruction operand column.
• R/W.......................Indicates if the corresponding special function register can read or write.
R/W : Read/write enable
R
: Read only enable (register bit test enable)
W
: Write only enable
• Manipulable bit unit
....................... Indicates the applicable operation bit unit for the corresponding special function
register.
16-bit manipulable SFR can be described in operand sfrp. When specified by an
address, an even address is described.
1-bit manipulable SFR can be described by the bit operation instruction.
• On reset ............... Indicates the state of each register when RESET is input.
Cautions 1. Addresses for which no special function registers have been assigned cannot be accessed in the
FF00H to FFFFH area.
2. Do not write to the read only register. If data is written, the internal circuit may malfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com