công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD78323LP bảng dữ liệu(PDF) 23 Page - NEC

tên linh kiện UPD78323LP
Giải thích chi tiết về linh kiện  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD78323LP bảng dữ liệu(HTML) 23 Page - NEC

Back Button UPD78323LP Datasheet HTML 19Page - NEC UPD78323LP Datasheet HTML 20Page - NEC UPD78323LP Datasheet HTML 21Page - NEC UPD78323LP Datasheet HTML 22Page - NEC UPD78323LP Datasheet HTML 23Page - NEC UPD78323LP Datasheet HTML 24Page - NEC UPD78323LP Datasheet HTML 25Page - NEC UPD78323LP Datasheet HTML 26Page - NEC UPD78323LP Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 86 page
background image
23
µPD78323, 78324
The sixteen 8-bit registers can function as eight 16-bit register pairs (RP0 to RP7) as well.
As shown in Table 2-1, the sixteen 8-bit registers are characterized by functional names. The X register functions as
the lower half of the 16-bit accumulator, the A register functions as the upper half of the 8-bit or 16-bit accumulator, the B
and C registers function as a counter, and DE, HL, VP and UP function as address register pairs. In particular the VP register
is function as a base register and the UP register is as a user stack pointer.
The unique function register charges as shown in Table 2-1 according to the value of the register set select flag (RSS)
in the PSW. Thus, if the program is described by the functional name, another register set of X, A, C and B can be used
by means of the RSS flag.
The
µPD78324 can carry out processed data addressing operations, implied addressing by functional names with
importance attached to the unique function of each register and register addressing by absolute names with a view to fast
processing with a small number of data transfers or creating highly descriptive programs.
Table 2-1. General Register Configuration
R5
A
R6
C
R7
B
R8
VPL
VPL
R9
VPH
VPH
R10
UPL
UPL
R11
UPH
UPH
R12
E
E
R13
D
D
R14
L
L
R15
H
H
Absolute
Functional Name
Name
RSS = 0
RSS = 1
R0
X
R1
A
R2
C
R3
B
R4
X
RP5
UP
UP
RP6
DE
DE
RP7
HL
HL
Absolute
Functional Name
Name
RSS = 0
RSS = 1
RP0
AX
RP1
BC
RP2
AX
RP3
BC
RP4
VP
VP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com