công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM0851 bảng dữ liệu(PDF) 242 Page - STMicroelectronics

tên linh kiện UM0851
Giải thích chi tiết về linh kiện  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 bảng dữ liệu(HTML) 242 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 237Page - STMicroelectronics UM0851 Datasheet HTML 238Page - STMicroelectronics UM0851 Datasheet HTML 239Page - STMicroelectronics UM0851 Datasheet HTML 240Page - STMicroelectronics UM0851 Datasheet HTML 241Page - STMicroelectronics UM0851 Datasheet HTML 242Page - STMicroelectronics UM0851 Datasheet HTML 243Page - STMicroelectronics UM0851 Datasheet HTML 244Page - STMicroelectronics UM0851 Datasheet HTML 245Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 242 / 245 page
background image
Flashing utility section
UM0851
242/245
Doc ID 16604 Rev 2
11
Flashing utility section
The flashing utility is a PC Host application which connects to a SPEAr target through USB
and is capable of uploading files over a TTY-over-USB communication protocol.
It is based on a few building blocks such as a board dependent DDR driver, used to
configure the target memory system, and on u-boot, used for the NAND/NOR flashing,
which is the purpose of this utility.
Please refer to the flashing utility help available with the flashing package for details on how
to use it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More