công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM0851 bảng dữ liệu(PDF) 175 Page - STMicroelectronics

tên linh kiện UM0851
Giải thích chi tiết về linh kiện  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 bảng dữ liệu(HTML) 175 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 171Page - STMicroelectronics UM0851 Datasheet HTML 172Page - STMicroelectronics UM0851 Datasheet HTML 173Page - STMicroelectronics UM0851 Datasheet HTML 174Page - STMicroelectronics UM0851 Datasheet HTML 175Page - STMicroelectronics UM0851 Datasheet HTML 176Page - STMicroelectronics UM0851 Datasheet HTML 177Page - STMicroelectronics UM0851 Datasheet HTML 178Page - STMicroelectronics UM0851 Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 245 page
background image
UM0851
Human interface device (HID) drivers
Doc ID 16604 Rev 2
175/245
Figure 46.
Touchscreen software architecture
7.1.3
Touchscreen driver overview
Input device layer
The kernel's input subsystem layer unifies the interface to different drivers that handle
diverse classes of data-input devices such as keyboards, mice, and touchscreens, The
kernel's input subsystem layer provides a uniform way of handling of functionally similar
input devices even when they are physically different. For example, all mice, such as PS/2,
USB or Bluetooth, are treated alike.
It has an easy to use event interface for dispatching input reports to user applications. The
driver does not have to create or manage /dev nodes and related access methods. Instead,
it can simply invoke input APIs to send mouse movements, key presses, or touch events
upstream to user land. Applications such as X Windows work seamlessly over the event
interfaces exported by the input subsystem layer.
Touchscreen driver basics
The touchscreen driver has a state machine which gets called every 100 ms and reads both
ADC channels. The state machine has 3 states, as shown in Figure 47.
User application space
Kernel space
Hardware
Touchscreen driver
ADC + GPIO
CLCD panel
Input device layer
X, QT, GTK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More