| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0851 bảng dữ liệu(PDF) 145 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0851 bảng dữ liệu(HTML) 145 Page - STMicroelectronics |
|
145 / 245 page ![]() UM0851 Non-volatile memory device drivers Doc ID 16604 Rev 2 145/245 Figure 38. NOR Flash software system architecture The NOR device driver scans for the available NOR chips and if a chip is found and matches to its list of device, the device driver configures it. After initial configuration, the information regarding NOR Flash is exported to the MTD layer and the Flash is ready to be used by the file-system. NOR device driver supports various serial-NOR Flash chips. All NOR devices are listed in "arch/arm/plat-spear/include/plat/flash_chars.h". If a new NOR device is added in the system then its details must be entered here. Here is a code-snippet of 'flash_chars.c'. /* * Flash Chip Device List * ------------------------ * Name, Device ID code, chip shift, page shift, page size, sector size, Total size in bytes */ static struct sflash_dev sflash_ids[] = { { "ST M25P16", SFLASH_DEVID_M25P16, 21, 0x8, 0x100, 0x10000, 0x200000 }, { "ST M25P32", SFLASH_DEVID_M25P32, 22, 0x8, 0x100, 0x10000, 0x400000 }, { "ST M25P64", SFLASH_DEVID_M25P64, 23, 0x8, 0x100, 0x10000, 0x800000 }, { "ST M25P05", SFLASH_DEVID_M25P05, 16, 0x7, 0x80, 0x8000, 0x10000 } NOR driver NAND driver Linux MTD layer YAFFS2 JFFS2 VFS FSMC SMI controller Application User space Kernel space Hardware S_NOR Flash |