| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0225 bảng dữ liệu(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0225 bảng dữ liệu(HTML) 51 Page - STMicroelectronics |
|
51 / 57 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UM0225 3 Designing with CAPS 50/56 #define GPIO_DIR2 0x0 #define GPIO_DIR3 0x0 #define GPIO_DIR4 0x0 #define GPIO_DIR5 0x0 #define GPIO_DIR6 0x0 #define GPIO_DIR7 0x0 #define GPIO_DIR8 0x0 #define GPIO_DIR9 0x0 // **************************************************************** // GPIO // **************************************************************** #define _GPIO #define _GPIO0 #define _GPIO1 #define _GPIO2 #define _GPIO3 #define _GPIO4 // #define _GPIO5 #define _GPIO6 // #define _GPIO7 // #define _GPIO8 // #define _GPIO9 // **************************************************************** // ADC // **************************************************************** #define _ADC // ADC enabled : At least one of ADC channels is used #define GPIO_ANAChannel4 0x10 // ADC Channel 4 is selected #define GPIO_ANAChannel5 0x20 // ADC Channel 5 is selected // **************************************************************** // CAN // **************************************************************** // #define _CAN // CAN // **************************************************************** // EMI (External Memory Interface) // **************************************************************** // #define _EMI // EMI #define SCU_EMI 0x0 // Port8 and Port 9 is not connected to EMI block // **************************************************************** // ENET (Ethernet) // **************************************************************** // #define _ENET // Ethernet // **************************************************************** // I2C // **************************************************************** // #define _I2C // I2C // #define _I2C0 // I2C0 serial interface // #define _I2C1 // I2C1 serial interface // **************************************************************** // MC (Motor Control) // **************************************************************** // #define _MC // Induction Motor Control // **************************************************************** // SSP (Synchronous Serial Port) // **************************************************************** // #define _SSP // Synchronous Serial Port // #define _SSP0 // Synchronous Serial Port 0 // #define _SSP1 // Synchronous Serial Port 1 // **************************************************************** // Timer // **************************************************************** #define _TMR // Timer => At least one of the timers is enabled // #define _TMR0 // Timer 0 #define _TMR1 // Timer 1 enabled |