| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0225 bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0225 bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 57 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UM0225 2 Introduction to the CAPS user interface 10/56 2.2.2 The tools menu The tools menu provides the ability to produce a project report. Figure 3. Tools menu Import PSDsoft Project ... Imports an existing project created using the PSDsoft tool. Note: This option is only applicable to µPSD projects. Recent Projects Lists the most recently opened projects. A project may be opened by double-clicking on a list entry. Preference ... Sets the CAPS design environment. Select either “Single device view” or “Multiple Device view” for the JTAG/ISP property. Single and multiple device operations are discussed in 3.7: Validating and programming the target device. About ... Displays details about a project: • Project name. • Project folder. • Device family. • Part number. • Voltage. • Project description. Note: The project must already be open. Exit CAPS Exit the CAPS program. Generate Project Report Produces a text file report of your design. The result shows detailed peripheral and pin function assignments. See Project Report for an example. |