| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0225 bảng dữ liệu(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0225 bảng dữ liệu(HTML) 50 Page - STMicroelectronics |
|
50 / 57 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) 3 Designing with CAPS UM0225 49/56 #define _DMA_Channel3 // always #define _DMA_Channel4 // always #define _DMA_Channel5 // always #define _DMA_Channel6 // always #define _DMA_Channel7 // always // **************************************************************** // Clock source // **************************************************************** #define _MCLK_Source SCU_MCLK_PLL #define _Main_Crystal 25000.00 // In KHz // **************************************************************** // Phase Lock Loop (PLL) setting // **************************************************************** #define _PLL_M 25 // M (1 <= M <= 255) value for phase lock loop #define _PLL_N 192 // N (1 <= N <= 255) value for phase lock loop #define _PLL_P 2 // P (1 <= P <= 5) value for phase lock loop // **************************************************************** // clocks divisor setting // **************************************************************** #define _RCLK_Divisor SCU_RCLK_Div1 // Reference clock divisor #define _HCLK_Divisor SCU_HCLK_Div1 // ARM high speed bus divisor #define _PCLK_Divisor SCU_PCLK_Div2 // ARM Peripheral bus divisor #define _FMICLK_Divisor SCU_FMICLK_Div1 // FMI divisor // **************************************************************** // GPIO input register setting // **************************************************************** #define GPIOIN0 0x0 #define GPIOIN1 0x1 #define GPIOIN2 0x0 #define GPIOIN3 0x1 #define GPIOIN4 0x4 #define GPIOIN5 0x0 #define GPIOIN6 0x8 #define GPIOIN7 0x0 // **************************************************************** // GPIO output register setting // **************************************************************** #define GPIOOUT0 0xFFFF #define GPIOOUT1 0xC00 #define GPIOOUT2 0x0 #define GPIOOUT3 0x30C #define GPIOOUT4 0x80 #define GPIOOUT5 0x0 #define GPIOOUT6 0x0 #define GPIOOUT7 0x0 // **************************************************************** // GPIO type register setting // **************************************************************** #define GPIOTYPE0 0x0 #define GPIOTYPE1 0x0 #define GPIOTYPE2 0x0 #define GPIOTYPE3 0x0 #define GPIOTYPE4 0x0 #define GPIOTYPE5 0x0 #define GPIOTYPE6 0x0 #define GPIOTYPE7 0x0 #define GPIOTYPE8 0x0 #define GPIOTYPE9 0x0 // **************************************************************** // GPIO direction register setting // **************************************************************** #define GPIO_DIR0 0x0 #define GPIO_DIR1 0x0 |