| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0225 bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0225 bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 57 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) 3 Designing with CAPS UM0225 25/56 Click Yes to define new pin assignments. Click No to accept the default pin assignments for the peripheral. The following is a peripheral configuration example, using the Timer1 peripheral. Figure 19. Example - assign Timer1 peripheral To select the Timer1 peripheral, left-click Timer1 in the list of available peripherals, then click the Assign >> button. For configurable peripherals, such as Timer1, a dialog window appears with the configuration options, as shown in Figure 20. |