| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0097 bảng dữ liệu(PDF) 124 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0097 bảng dữ liệu(HTML) 124 Page - STMicroelectronics |
|
124 / 229 page ![]() Peripheral firmware overview UM0097 124/229 Table 60 enumerates the BSPI transmit interrupt sources. Receive interrupt sources The following enumeration defines the BSPI receive interrupt sources. The RC_IR_SRCS is defined in the file 71x_bspi.h as follows: typedef enum { BSPI_RC_FNE, BSPI_RC_FF, BSPI_RC_DIS } BSPI_IT_RC; Table 61 enumerates the BSPI receive interrupt sources. 3.10.2 Firmware library functions Table 62 enumerates the different functions of the BSPI library. Table 60. BSPI transmit interrupt sources Transmit interrupt source Description BSPI_TR_FE Transmit FIFO empty BSPI_TR_UFL Transmit underflow BSPI_TR_FF Transmit FIFO full BSPI_TR_DIS All interrupts disabled Table 61. BSPI receive interrupt sources Receive interrupt source Description BSPI_RC_FNE Receive FIFO not empty BSPI_RC_FF Receive FIFO full BSPI_RC_DIS All interrupts disabled Table 62. BSPI library functions Function Name Description BSPI_BSPI0Conf Enable or disable BSPI0 interface BSPI_Init Initializes BSPI peripheral control and registers to their default reset values. BSPI_Enable Enables/disables the specified BSPI peripheral BSPI_MasterEnable Selects or deselects BSPI master mode BSPI_TrItSrc Configures the transmit interrupt source BSPI_RcItSrc Configures the receive interrupt source BSPI_TrFifoDepth Configures the number of the words for the BSPI transmit FIFO |