| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2606 bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2606 bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 155 page ![]() STM32F10xxx devices bootloader AN2606 24/155 DocID13801 Rev 21 4.2 Bootloader selection The figure below shows the bootloader selection mechanism. Figure 6. Bootloader for STM32F10xxx with USART1 4.3 Bootloader version The following table lists the STM32F10xxx devices bootloader versions: Table 7. STM32F10xxx bootloader versions Bootloader version number Description V2.0 Initial bootloader version V2.1 – Updated Go Command to initialize the main stack pointer – Updated Go command to return NACK when jump address is in the Option byte area or System memory area – Updated Get ID command to return the device ID on two bytes – Update the bootloader version to V2.1 V2.2 – Updated Read Memory, Write Memory and Go commands to deny access with a NACK response to the first 0x200 bytes of RAM memory used by the bootloader – Updated Readout Unprotect command to initialize the whole RAM content to 0x0 before ROP disable operation |