công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2606 bảng dữ liệu(PDF) 85 Page - STMicroelectronics

tên linh kiện AN2606
Giải thích chi tiết về linh kiện  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 bảng dữ liệu(HTML) 85 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 81Page - STMicroelectronics AN2606 Datasheet HTML 82Page - STMicroelectronics AN2606 Datasheet HTML 83Page - STMicroelectronics AN2606 Datasheet HTML 84Page - STMicroelectronics AN2606 Datasheet HTML 85Page - STMicroelectronics AN2606 Datasheet HTML 86Page - STMicroelectronics AN2606 Datasheet HTML 87Page - STMicroelectronics AN2606 Datasheet HTML 88Page - STMicroelectronics AN2606 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 155 page
background image
DocID13801 Rev 21
85/155
AN2606
STM32F42xxx/43xxx devices bootloader
154
18.2.3
Bootloader version
The following table lists the STM32F42xxx/43xxx devices bootloader V9.x versions.
Table 41. STM32F42xxx/43xxx bootloader V9.x versions
Bootloader
version
number
Description
Known limitations
V9.0
This bootloader is an updated
version of Bootloader v7.0.
This new version of bootloader
supports I2C2, I2C3, SPI1, SPI2
and SPI4 interfaces.
The RAM used by this bootloader
is increased from 8Kb to 12Kb.
The ID of this bootloader is 0x90
The connection time is increased.
None
V9.1
This bootloader is an updated
version of Bootloader v9.0. This
new version implements the new
I2C No-stretch commands (I2C
protocol v1.1) and the capability
of disabling PcROP when RDP1
is enabled with
ReadOutUnprotect command for
all protocols(USB, USART, CAN,
I2C and SPI). The ID of this
bootloader is 0x91
For the CAN interface, the Write Unprotect
command is not functional. Instead you can use
Write Memory command and write directly to the
option bytes in order to disable the write
protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More