công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2606 bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện AN2606
Giải thích chi tiết về linh kiện  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 7Page - STMicroelectronics AN2606 Datasheet HTML 8Page - STMicroelectronics AN2606 Datasheet HTML 9Page - STMicroelectronics AN2606 Datasheet HTML 10Page - STMicroelectronics AN2606 Datasheet HTML 11Page - STMicroelectronics AN2606 Datasheet HTML 12Page - STMicroelectronics AN2606 Datasheet HTML 13Page - STMicroelectronics AN2606 Datasheet HTML 14Page - STMicroelectronics AN2606 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 155 page
background image
DocID13801 Rev 21
11/155
AN2606
Related documents
154
1
Related documents
For each supported product (listed in Table 1), please refer to the following documents
available from www.st.com:
•
Datasheet or databrief
•
Reference manual
2
Glossary
F0 Series:
STM32F05xxx and STM32F030x8 devices is used to refer to STM32F051x4,
STM32F051x6, STM32F051x8, STM32F058x8 and STM32F030x8 devices.
STM32F03xxx is used to refer to STM32F031x4, STM32F031x6, STM32F030F4,
STM32F038x6 and STM32F030x6 devices.
STM32F04xxx is used to refer to STM32F042x4 and STM32F042x6 devices.
STM32F07xxx is used to refer to STM32F072x8 and STM32F072xB and
STM32F071xB devices.
F1 Series:
STM32F10xxx is used to refer to Low-density, Medium-density, High-density, Low-
density value line, Medium-density value line and High-density value line devices:
Low-density devices are STM32F101xx, STM32F102xx and STM32F103xx
microcontrollers where the Flash memory density ranges between 16 and 32
Kbytes.
Medium-density devices are STM32F101xx, STM32F102xx and STM32F103xx
microcontrollers where the Flash memory density ranges between 64 and 128
Kbytes.
High-density devices are STM32F101xx and STM32F103xx microcontrollers
where the Flash memory density ranges between 256 and 512 Kbytes.
Low-density value line devices are STM32F100xx microcontrollers where the
Flash memory density ranges between 16 and 32 Kbytes.
Medium-density value line devices are STM32F100xx microcontrollers where
the Flash memory density ranges between 64 and 128 Kbytes.
High-density value line devices are STM32F100xx microcontrollers where the
Flash memory density ranges between 256 and 5128 Kbytes.
STM32F105xx/107xx is used to refer to STM32F105xx and STM32F107xx devices.
STM32F10xxx XL-density is used to refer to STM32F101xx and STM32F103xx
devices where the Flash memory density ranges between 768 Kbytes and 1 Mbyte.
F2 Series:
STM32F2xxxx is used to refer to STM32F215xx, STM32F205xx, STM32F207xx and
SMT32F217xx devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More