công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2606 bảng dữ liệu(PDF) 12 Page - STMicroelectronics

tên linh kiện AN2606
Giải thích chi tiết về linh kiện  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 bảng dữ liệu(HTML) 12 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 8Page - STMicroelectronics AN2606 Datasheet HTML 9Page - STMicroelectronics AN2606 Datasheet HTML 10Page - STMicroelectronics AN2606 Datasheet HTML 11Page - STMicroelectronics AN2606 Datasheet HTML 12Page - STMicroelectronics AN2606 Datasheet HTML 13Page - STMicroelectronics AN2606 Datasheet HTML 14Page - STMicroelectronics AN2606 Datasheet HTML 15Page - STMicroelectronics AN2606 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 155 page
background image
Glossary
AN2606
12/155
DocID13801 Rev 21
F3 Series:
STM32F373xx is used to refer to STM32F373x8, STM32F373xB and STM32F373xC
devices.
STM32F302xB(C)/303xB(C) is used to refer to STM32F302xB, STM32F302xC,
STM32F303xB and STM32F303xC devices.
STM32F378xx is used to refer to STM32F378xC devices.
STM32F358xx is used to refer to STM32F358xC devices.
STM32F301xx/302x4(6/8) is used to refer to STM32F301x4, STM32F301x6,
STM32F301x8, STM32F302x4, STM32F302x6 and STM32F302x8 devices.
STM32F318xx is used to refer to STM32F318xC devices.
STM32F303x4(6/8)/334xx/328xx is used to refer to STM32F303x4, STM32F303x6,
STM32F303x8, STM32F334x4, STM32F334x6, STM32F334x8, and STM32F328x8
devices.
F4 Series:
STM32F40xxx/41xxx is used to refer to STM32F405xx, STM32F407xx,
STM32F415xx and SMT32F417xx devices.
STM32F401xB(C) is used to refer to STM32F401xB and STM32F401xC devices.
STM32F401xD(E) is used to refer to STM32F401xD and STM32F401xE devices.
STM32F411xx is used to refer to STM32F411xD and STM32F411xE devices.
STM32F42xxx/43xxx is used to refer to STM32F427xx, STM32F429xx,
STM32F437xx and STM32F439xx devices
STM32F446xx is used to refer to STM32F446xE and STM32F446xC devices
L0 Series:
STM32L05xxx/06xxx is used to refer to STM32L051xx, STM32L052xx,
STM32L053xx, STM32L062xx and STM32L063xx ultralow power devices.
L1 Series:
STM32L1xxx6(8/B) is used to refer to STM32L1xxV6T6, STM32L1xxV6H6,
STM32L1xxR6T6, STM32L1xxR6H6, STM32L1xxC6T6, STM32L1xxC6H6,
STM32L1xxV8T6, STM32L1xxV8H6, STM32L1xxR8T6, STM32L1xxR8H6,
STM32L1xxC8T6, STM32L1xxC8H6, STM32L1xxVBT6, STM32L1xxVBH6,
STM32L1xxRBT6, STM32L1xxRBH6, STM32L1xxCBT6 and STM32L1xxCBH6
ultralow power devices.
STM32L1xxx6(8/B)A is used to refer to STM32L1xxV6T6-A, STM32L1xxV6H6-A,
STM32L1xxR6T6-A, STM32L1xxR6H6-A, STM32L1xxC6T6-A, STM32L1xxC6H6-A,
STM32L1xxV8T6-A, STM32L1xxV8H6-A, STM32L1xxR8T6-A, STM32L1xxR8H6-A,
STM32L1xxC8T6-A, STM32L1xxC8H6-A, STM32L1xxVBT6-A, STM32L1xxVBH6-A,
STM32L1xxRBT6-A, STM32L1xxRBH6-A, STM32L1xxCBT6-A and
STM32L1xxCBH6-A ultralow power devices.
STM32L1xxxC is used to refer to STM32L1xxVCT6, STM32L1xxVCH6 ,
STM32L1xxRCT6, STM32L1xxUCY6, STM32L1xxCCT6 and STM32L1xxCCU6
ultralow power devices.
STM32L1xxxD is used to refer to STM32L1xxZDT6, STM32L1xxQDH6,
STM32L1xxVDT6, STM32L1xxRDY6, STM32L1xxRDT6, STM32L1xxZCT6,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More