công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2606 bảng dữ liệu(PDF) 72 Page - STMicroelectronics

tên linh kiện AN2606
Giải thích chi tiết về linh kiện  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 bảng dữ liệu(HTML) 72 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 68Page - STMicroelectronics AN2606 Datasheet HTML 69Page - STMicroelectronics AN2606 Datasheet HTML 70Page - STMicroelectronics AN2606 Datasheet HTML 71Page - STMicroelectronics AN2606 Datasheet HTML 72Page - STMicroelectronics AN2606 Datasheet HTML 73Page - STMicroelectronics AN2606 Datasheet HTML 74Page - STMicroelectronics AN2606 Datasheet HTML 75Page - STMicroelectronics AN2606 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 155 page
background image
STM32F358xx devices bootloader
AN2606
72/155
DocID13801 Rev 21
The system clock is derived from the embedded internal high-speed RC, no external quartz
is required for the bootloader execution.
17.2
Bootloader selection
The figure below shows the bootloader selection mechanism.
Figure 21. Bootloader selection for STM32F358xx devices
17.3
Bootloader version
The following table lists the STM32F358xx devices bootloader versions.
Initial bootloader version
Table 37. STM32F358xx bootloader versions
Bootloader version
number
Description
Known limitations
V5.0
For USART1 and USART2 interfaces,
the maximum baudrate supported by
the bootloader is 57600 baud.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More