| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2606 bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2606 bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 155 page ![]() General bootloader description AN2606 18/155 DocID13801 Rev 21 L1 STM32L1xxx6(8/B) USART1/USART2 0x20 0x1FF00FFE USART (V3.0) STM32L1xxx6(8/B)A USART1/USART2 0x20 0x1FF00FFE USART (V3.1) STM32L1xxxC USART1/USART2/ DFU (USB Device FS) 0x40 0x1FF01FFE USART (V3.1) DFU (V2.2) STM32L1xxxD USART1/USART2/ DFU (USB Device FS) 0x45 0x1FF01FFE USART (V3.1) DFU (V2.2) STM32L1xxxE USART1/USART2/ DFU (USB Device FS) 0x40 0x1FF01FFE USART (V3.1) DFU (V2.2) L4 STM32L476xx/486xx USART1/USART2/ USART3/ I2C1/ I2C2/ I2C3/ DFU (USB Device FS) 0xA3 0x1FFF6FFE USART (V3.1) DFU (V2.2) I2C (V1.2) 1. For connectivity line devices, the USART bootloader returns V2.0 instead of V2.2 for the protocol version. For more details please refer to the “STM32F105xx and STM32F107xx revision Z” errata sheet available from http://www.st.com. Table 3. Embedded bootloaders (continued) STM32 series Device Supported serial peripherals Bootloader ID Bootloader (protocol) version ID Memory location |