| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2606 bảng dữ liệu(PDF) 123 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2606 bảng dữ liệu(HTML) 123 Page - STMicroelectronics |
|
123 / 155 page ![]() DocID13801 Rev 21 123/155 AN2606 STM32L1xxxE devices bootloader 154 28.3 Bootloader version The following table lists the STM32L1xxxE devices bootloader versions: Table 61. STM32L1xxxE bootloader versions Bootloader version number Description Known limitations V4.0 Initial bootloader version – For the USART interface, two consecutive NACKs (instead of 1 NACK) are sent when a Read Memory or Write Memory command is sent and the RDP level is active. |