| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN1105 bảng dữ liệu(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1105 bảng dữ liệu(HTML) 51 Page - STMicroelectronics |
|
51 / 100 page ![]() 51/100 ST7 pCAN PERIPHERAL DRIVER 3.2.2.9 static CAN_Receive_Error CAN_Receive(u8 num_buff_hard) Figure 26. CAN Receive Flowchart INPUT ID of the buffer to void, pointer on the software buffer to fill. OUTPUT Error status DESCRIPTION Fetches data received in a hardware buffer and saves them in a software buffer sup- plied by the application . COMMENTS ITs have to be disabled Calls CAN_Filter (if SOFTWARE_FILTER option is enabled) Calls CAN_Request_Buffer Possible return values: CAN_FILTERING_FAILURE,.CAN_RECEIVE_REMOTE, CAN_NO_BUFFER, CAN_RECEIVE_FATAL and CAN_RECEIVE_SUCCESS N Begin FILTER_MATCH if SOFTWARE_FILTERS defined Y Remote frame? Y N Buffer exists? Y N Buffer already Y N accessed? Buffer free? Y N status=success Y N Retrieves message identifier CAN_Filter() Releases hardware buffer Calls CAN_Remote_Reception_Notification() Calls CAN_FILTERING_FAILURE Returns CAN_Receive_Remote Returns CAN_NO_BUFFER Returns CAN_RECEIVE_FATAL Releases hardware buffer Releases hardware buffer Releases hardware buffer Releases hardware buffer Calls CAN_Request_Buffer() Calls CAN_Data_Reception_Notification() Returns CAN_RECEIVE_SUCCESS CAN-Store_Received_Message |