| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN1105 bảng dữ liệu(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1105 bảng dữ liệu(HTML) 68 Page - STMicroelectronics |
|
68 / 100 page ![]() 68/100 ST7 pCAN PERIPHERAL DRIVER result=CAN_transmit_queue.first_object->message; CAN_transmit_queue.first_object->message=NULL; //Updates queue parameters CAN_transmit_queue.first_object=CAN_transmit_queue.first_object- >next_object; CAN_transmit_queue.fifo_size=(CAN_transmit_queue.fifo_size)-1; CAN_transmit_queue.isinuse=CFALSE; //Releases the queue return result; } } /*-------------------------------------------------------------------------- ROUTINE NAME : CAN_Clean INPUT/OUTPUT : -- /error status DESCRIPTION : Cleans the recept. and emission buffers, and resets the transmis- sion queue. COMMENTS : Must be called only in sleep mode (run bit reset) Must not be interrupted Only affects pointers Called by CAN_Sleep and CAN_Kill Possible return values : CAN_CLEAN_FAILURE CAN_CLEAN_SUCCESS CAN_CLEAN_FATAL --------------------------------------------------------------------------*/ static CAN_Clean_Error CAN_Clean (void) { if (!ValBit(CANCSR,RUN)) //No cleaning while the CAN node is running { //Cleaning transmission queue if (CAN_transmit_queue.isinuse) { return CAN_CLEAN_FATAL; } CAN_transmit_queue.isinuse=CTRUE; //Locks the queue CAN_transmit_queue.first_object=&CAN_queue_object_1; //Reinit. the queue CAN_transmit_queue.last_object=&CAN_queue_object_3; //(In the same |