| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN1105 bảng dữ liệu(PDF) 90 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1105 bảng dữ liệu(HTML) 90 Page - STMicroelectronics |
|
90 / 100 page ![]() 90/100 ST7 pCAN PERIPHERAL DRIVER //Transmission request CAN_Transmit_Error CAN_Transmit_Request(CAN_Buffer*); / *#########################################################################*/ /* MACROS */ / *#########################################################################*/ //To clear status registers flags #define Clr_RXIF3_Bit() (CANISR=0x7F) #define Clr_RXIF2_Bit() (CANISR=0xBF) #define Clr_RXIF1_Bit() (CANISR=0xDF) #define Clr_TXIF_Bit() (CANISR=0xEF) #define Clr_SCIF_Bit() (CANISR=0xF7) #define Clr_ORIF_Bit() (CANISR=0xFB) #define Clr_TEIF_Bit() (CANISR=0xFD) #define Clr_EPND_Bit() (CANISR=0xFE) //To clear #define Clr_LOCK_Bit() (CANBCSR=0xFE) #define Clr_RDY_Bit() (CANBCSR=0xFA) #define Size_Of_Words_Array(array) sizeof(array)/sizeof(unsigned int) /*----------------------CAN SETTINGS----------------------*/ #define CAN_RUN_Cell() (CANCSR |= 0x05) #endif /****** (c) 2000 STMicroelectronics ********************* END OF FILE _******/ 4.3 CAN_CUSTOM.C /********************* (c) 1999 STMicroelectronics**************************** /********************* (c) 1999 STMicroelectronics *************************** |