| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN1105 bảng dữ liệu(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1105 bảng dữ liệu(HTML) 71 Page - STMicroelectronics |
|
71 / 100 page ![]() 71/100 ST7 pCAN PERIPHERAL DRIVER CANDR[counter]=data_ptr[counter]; } } counter=7; CANDR[7]=data_ptr[counter]; } msg_to_send_ptr->buffer_free=CTRUE; msg_to_send_ptr->buffer_rw=CFALSE; } return CAN_TRANSMIT_SUCCESS; } /*-------------------------------------------------------------------------- ROUTINE NAME : CAN_Store_Rcvd_Msg INPUT/OUTPUT : ID of the buffer to void/Status message DESCRIPTION : Fetches the datas received in a hardware buffer. COMMENTS : ITs have to be disabled This fuction is called by CAN_Recept, only in case of reception of datas Priority given to SPEED here, that‘s why the code may look strange Possible return values : CAN_ILLEGAL_IDENTIFIER CAN_RECEIVE_SUCCESS --------------------------------------------------------------------------*/ static CAN_Receive_Error CAN_Store_Rcvd_Msg(CAN_Buffer* dest_ptr) { u8* data_ptr; u8 data_size; //CANPSR=num_buff_hard; data_ptr=(dest_ptr->CAN_msg_data); data_size=(CANIDLR&0x0F); if(data_size>8) { Clr_RDY_Bit(); return CAN_ILLEGAL_IDENTIFIER; } dest_ptr->data_size=data_size;//Saving data size { register u8 counter; |