| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN1105 bảng dữ liệu(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1105 bảng dữ liệu(HTML) 57 Page - STMicroelectronics |
|
57 / 100 page ![]() 57/100 ST7 pCAN PERIPHERAL DRIVER 4 DRIVER CODE 4.1 CAN.C /*********************** (c) 2000 STMicroelectronics ************************* PROJECT : COMPILER : ST7 COSMIC C v4.2e MODULE : can.c VERSION : V 1.1.6 build 80 CREATION DATE : 04/00 AUTHOR : Central Europe 8bit Micro Application Group -*-*-*-*-*-*-*-*-*-*-*-*-*-*-*--*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*- DESCRIPTION : CAN routines -*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*--*-*-*-*-*-*-*-*-*-*-*-*-*-*-*- MODIFICATIONS : RIM statement removed from interrupt routine (1.0.0) Transmission and reception structures merged into one "buffer type"(1.1.1) Management of semaphores (buffer_rw and buffer_free)slightly modified(1.1.2) Updated to comply with ST7ap_II (1.1.2 build 80) IT management slightly modified (1.1.3) Modif. transmission IT >> flag reset(1.1.4) Bug corrected in CAN_Switch_Off(1.1.5) Reset of ITs vector in CAN_Init(1.1.6) **************************************************************************** THE SOFTWARE INCLUDED IN THIS FILE IS FOR GUIDANCE ONLY. ST MICROELECTRONICS SHALL NOT BE HELD LIABLE FOR ANY DIRECT, INDIRECT OR CONSEQUENTIAL DAMAGES WITH RESPECT TO ANY CLAIMS ARISING FROM USE OF THIS SOFTWARE. ***************************************************************************/ #include "lib.h" #include "can.h" #include "can_hr.h" #include "can_custom.h" |