công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN1105 bảng dữ liệu(PDF) 50 Page - STMicroelectronics

tên linh kiện AN1105
Giải thích chi tiết về linh kiện  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 bảng dữ liệu(HTML) 50 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 46Page - STMicroelectronics AN1105 Datasheet HTML 47Page - STMicroelectronics AN1105 Datasheet HTML 48Page - STMicroelectronics AN1105 Datasheet HTML 49Page - STMicroelectronics AN1105 Datasheet HTML 50Page - STMicroelectronics AN1105 Datasheet HTML 51Page - STMicroelectronics AN1105 Datasheet HTML 52Page - STMicroelectronics AN1105 Datasheet HTML 53Page - STMicroelectronics AN1105 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
50/100
ST7 pCAN PERIPHERAL DRIVER
3.2.2.8
static
CAN_Receive_Error
CAN_Store_Rcvd_Msg(u8
num_buff_hard,
CAN_Recept_Buffer* dest_ptr)
Figure 25. CAN_Store_Rcvd_Msg Flowchart
INPUT
Number of the hardware buffer to release, pointer to the buffer where the data must
be saved
OUTPUT
Error status
DESCRIPTION
Fetches data received in a hardware buffer.
Possible return values: CAN_ILLEGAL_IDENTIFIER and
CAN_RECEIVE_SUCCESS
COMMENTS
ITs have to be disabled.
This function is called by CAN_Reception, only in case of reception of data.
The priority was given to SPEED here, that‘ s why the code may look strange.
N
Begin
Y
Legal value
i.e. <9
Retrieves data length
Returns
CAN_ILLEGAL_IDENTIFIER
Returns
CAN_RECEIVE_SUCCESS
Saves data in
the software buffer
Releases the hardware
buffer, therefore clearing
the IT flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100