| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3393 bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3393 bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 103 page ![]() Register description AN3393 34/103 DocID018750 Rev 4 4.33 MASK1_A(5Ah) Axis and sign mask (default) for State Machine 1 motion-detection operations. For more information refer to Section 7. 4.34 SETT1 (5Bh) Setting of threshold, peak detection, and flags for State Machine 1 motion-detection operations. For more information refer to Section 7. Table 50. MASK1_B axis and sign mask register P_X N_X P_Y N_Y P_Z N_Z P_V N_V Table 51. MASK1_B register structure P_X 0 = X+ disabled, 1 = X+ enabled N_X 0 = X- disabled, 1 = X- enabled P_Y 0 = Y+ disabled, 1 = Y+ enabled N_Y 0 = Y- disabled, 1 = Y- enabled P_Z 0 = Z+ disabled, 1 = Z+ enabled N_Z 0 = Z- disabled, 1 = Z- enabled P_V 0 = V+ disabled, 1 = V+ enabled N_V 0 = V- disabled, 1 = V- enabled Table 52. MASK1_A axis and sign mask register P_X N_X P_Y N_Y P_Z N_Z P_V N_V Table 53. MASK1_A register structure P_X 0 = X+ disabled, 1 = X+ enabled N_X 0 = X- disabled, 1 = X- enabled P_Y 0 = Y+ disabled, 1 = Y+ enabled N_Y 0 = Y- disabled, 1 = Y- enabled P_Z 0 = Z+ disabled, 1 = Z+ enabled N_Z 0 = Z- disabled, 1 = Z- enabled P_V 0 = V+ disabled, 1 = V+ enabled N_V 0 = V- disabled, 1 = V- enabled |