| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3393 bảng dữ liệu(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3393 bảng dữ liệu(HTML) 71 Page - STMicroelectronics |
|
71 / 103 page ![]() DocID018750 Rev 4 71/103 AN3393 Axis mask filter 103 Note that at the first state of the state machine, the default mask (MASKy_A) is always used. For each axis, four different mask settings are possible: 1. Positive axis bit = 0 / Negative axis bit = 0, axis is then disabled. 2. Positive axis bit = 0 / Negative axis = 1, data of axis with opposite sign is then enabled (e.g.: -Data < Threshold). 3. Positive axis bit = 1 / Negative axis = 0, data of axis with current sign is then enabled (e.g.: Data < Threshold). 4. Positive axis bit = 1 / Negative axis = 1, data of axis with current sign and data of axis with opposite sign are enabled ((e.g.: Data < Threshold, -Data < Threshold). Table 87 shows the content of a MASKy register. The order of axis mask evaluation is the following: +X, -X, +Y, -Y, +Z, -Z, +V, -V. Note that when the ABS bit in SETT1 (5Bh) / SETT2 (7Bh) register is set to zero, absolute values are used for axis data and thresholds (e.g.: |Data| < |Threshold|). 7.2 Sign filter The sign filter function is used to define whether the thresholds are signed (ABS bit set to 1 in the SETTy register) or unsigned (SETTy, bit ABS set to 0). Figure 13 shows how the bit ABS in the SETTy register affects the thresholds. Table 87. MASKy register P_X N_X P_Y N_Y P_Z N_Z P_V N_V |