| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0434 bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0434 bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 390 page ![]() UM0434 e200z3 core complex overview 35/391 3.6.5 System bus (core complex interface) features The features of the core complex interface are as follows: ● Independent instruction and data buses ● Advanced microcontroller bus architecture (AMBA) and advanced high-performance bus (AHB2.v6)-Lite protocol ● 32-bit address bus plus attributes and control on each bus ● Instruction interface has 64-bit read data bus ● Data interface has separate unidirectional 64-bit read data bus and 64-bit write data bus ● Pipelined, in-order accesses for both buses. 3.6.6 Nexus3 module features The Nexus3 module provides real-time development capabilities for e200z3 processors in compliance with the IEEE-ISTO Nexus 5001-2003 standard. This module provides development support capabilities without requiring the use of address and data pins for internal visibility. A portion of the pin interface (the JTAG port) is shared with the OnCE/Nexus1 unit. The IEEE-ISTO 5001-2003 standard defines an extensible auxiliary port, which is used in conjunction with the JTAG port in e200z3 processors. 3.7 Legacy support of PowerPC architecture This section provides an overview of the architectural differences and compatibilities of the e200z3 core compared with the AIM PowerPC architecture. The two levels of the e200z3 core programming environment are as follows: ● User level—This defines the base user-level instruction set, registers, data types, memory conventions, and the memory and programming models seen by application programmers. ● Supervisor level—This defines supervisor-level resources typically required by an operating system, the memory management model, supervisor-level registers, and the exception model. In general, the e200z3 core supports the user-level architecture from the classic PowerPC architecture. The following sections are intended to highlight the main differences. For specific implementation details refer to the relevant chapter. 3.7.1 Instruction set compatibility The following sections describe the user and supervisor instruction sets. User instruction set The e200z3 core executes legacy user-mode binaries and object files except for the following: ● The e200z3 core supports vector and scalar single-precision floating-point operations as APUs. These instructions have different encoding than the AIM definition of the PowerPC architecture. Additionally, the e200z3 core uses GPRs for floating-point |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |