| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0434 bảng dữ liệu(PDF) 119 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0434 bảng dữ liệu(HTML) 119 Page - STMicroelectronics |
|
119 / 390 page ![]() Instruction model UM0434 120/391 5.10.4 Embedded vector and scalar single precision floating point APU instructions The vector and scalar SPFP APUs perform floating-point operations on single-precision operands. These operations are IEEE-compliant with software interrupt handlers and offer a simpler interrupt model than the floating-point instructions defined by the PowerPC ISA. Instead of FPRs, these instructions use GPRs and offer improved performance for Vector Shift Left Word Immediate evslwi rD,rA,UIMM Vector Shift Right Word Immediate Signed evsrwis rD,rA,UIMM Vector Shift Right Word Immediate Unsigned evsrwiu rD,rA,UIMM Vector Shift Right Word Signed evsrws rD,rA,rB Vector Shift Right Word Unsigned evsrwu rD,rA,rB Vector Splat Fractional Immediate evsplatfi rD,SIMM Vector Splat Immediate evsplati rD,SIMM Vector Store Double of Double evstdd rS,d(rA) Vector Store Double of Double Indexed evstddx rS,rA,rB Vector Store Double of Four Half Words evstdh rS,d(rA) Vector Store Double of Four Half Words Indexed evstdhx rS,rA,rB Vector Store Double of Two Words evstdw rS,d(rA) Vector Store Double of Two Words Indexed evstdwx rS,rA,rB Vector Store Word of Two Half Words from Even evstwhe rS,d(rA) Vector Store Word of Two Half Words from Even Indexed evstwhex rS,rA,rB Vector Store Word of Two Half Words from Odd evstwho rS,d(rA) Vector Store Word of Two Half Words from Odd Indexed evstwhox rS,rA,rB Vector Store Word of Word from Even evstwwe rS,d(rA) Vector Store Word of Word from Even Indexed evstwwex rS,rA,rB Vector Store Word of Word from Odd evstwwo rS,d(rA) Vector Store Word of Word from Odd Indexed evstwwox rS,rA,rB Vector Subtract from Word evsubfw rD,rA,rB Vector Subtract Immediate from Word evsubifw rD,UIMM,rB Vector Subtract Signed, Modulo, Integer to Accumulator Word evsubfsmiaaw rD,rA Vector Subtract Signed, Saturate, Integer to Accumulator Word evsubfssiaaw rD,rA Vector Subtract Unsigned, Modulo, Integer to Accumulator Word evsubfumiaaw rD,rA Vector Subtract Unsigned, Saturate, Integer to Accumulator Word evsubfusiaaw rD,rA Vector XOR evxor rD,rA,rB 1. An implementation can restrict the number of bits specified in a mask. The e200z3 limits it to 16 bits, which allows the user to perform bit-reversed address computations for 65536-byte samples. Table 106. SPE APU vector instructions (continued) Instruction Mnemonic Syntax |